Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 107Page - STMicroelectronics ST7DALIF2 Datasheet HTML 108Page - STMicroelectronics ST7DALIF2 Datasheet HTML 109Page - STMicroelectronics ST7DALIF2 Datasheet HTML 110Page - STMicroelectronics ST7DALIF2 Datasheet HTML 111Page - STMicroelectronics ST7DALIF2 Datasheet HTML 112Page - STMicroelectronics ST7DALIF2 Datasheet HTML 113Page - STMicroelectronics ST7DALIF2 Datasheet HTML 114Page - STMicroelectronics ST7DALIF2 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 171 page
background image
ST7DALIF2
Serial peripheral interface (SPI)
111/171
SPIE=1 in the SPICR register. It is cleared by a software sequence (an access to the
SPICSR register followed by a write or a read to the SPIDR register).
0: Data transfer is in progress or the flag has been cleared.
1: Data transfer between the Device and an external device has been completed.
Note:
While the SPIF bit is set, all writes to the SPIDR register are inhibited until the SPICSR
register is read.
Bit 6 = WCOL Write Collision status (Read only).
This bit is set by hardware when a write to the SPIDR register is done during a transmit
sequence. It is cleared by a software sequence (see Figure 50).
0: No write collision occurred
1: A write collision has been detected
Bit 5 = OVR SPI Overrun error (Read only).
This bit is set by hardware when the byte currently being received in the shift register is
ready to be transferred into the SPIDR register while SPIF = 1 (See Overrun condition
(OVR) on page 106). An interrupt is generated if SPIE = 1 in the SPICR register. The OVR
bit is cleared by software reading the SPICSR register.
0: No overrun error
1: Overrun error detected
Bit 4 = MODF Mode Fault flag (Read only).
This bit is set by hardware when the SS pin is pulled low in master mode (see Master mode
fault (MODF) on page 105). An SPI interrupt can be generated if SPIE=1 in the SPICR
register. This bit is cleared by a software sequence (An access to the SPICSR register while
MODF=1 followed by a write to the SPICR register).
0: No master mode fault detected
1: A fault in master mode has been detected
Bit 3 = Reserved, must be kept cleared.
Bit 2 = SOD SPI Output Disable.
This bit is set and cleared by software. When set, it disables the alternate function of the SPI
output (MOSI in master mode / MISO in slave mode)
0: SPI output enabled (if SPE=1)
1: SPI output disabled
Bit 1 = SSM SS Management.
This bit is set and cleared by software. When set, it disables the alternate function of the SPI
SS pin and uses the SSI bit value instead. See Section 17.4.1: Slave select management.
0: Hardware management (SS managed by external pin)
1: Software management (internal SS signal controlled by SSI bit. External SS pin free for
general-purpose I/O)
Bit 0 = SSI SS Internal Mode.
This bit is set and cleared by software. It acts as a ‘chip select’ by controlling the level of the
SS slave select signal when the SSM bit is set.
0: Slave selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com