Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 110 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 106Page - STMicroelectronics ST7DALIF2 Datasheet HTML 107Page - STMicroelectronics ST7DALIF2 Datasheet HTML 108Page - STMicroelectronics ST7DALIF2 Datasheet HTML 109Page - STMicroelectronics ST7DALIF2 Datasheet HTML 110Page - STMicroelectronics ST7DALIF2 Datasheet HTML 111Page - STMicroelectronics ST7DALIF2 Datasheet HTML 112Page - STMicroelectronics ST7DALIF2 Datasheet HTML 113Page - STMicroelectronics ST7DALIF2 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 171 page
background image
Serial peripheral interface (SPI)
ST7DALIF2
110/171
Bit 4 = MSTR Master Mode.
This bit is set and cleared by software. It is also cleared by hardware when, in master mode,
SS=0 (see Master mode fault (MODF) on page 105).
0: Slave mode
1: Master mode. The function of the SCK pin changes from an input to an output and the
functions of the MISO and MOSI pins are reversed.
Bit 3 = CPOL Clock Polarity.
This bit is set and cleared by software. This bit determines the idle state of the serial Clock.
The CPOL bit affects both the master and slave modes.
0: SCK pin has a low level idle state
1: SCK pin has a high level idle state
Note:
If CPOL is changed at the communication byte boundaries, the SPI must be disabled by
resetting the SPE bit.
Bit 2 = CPHA Clock Phase.
This bit is set and cleared by software.
0: The first clock transition is the first data capture edge.
1: The second clock transition is the first capture edge.
Note:
The slave must have the same CPOL and CPHA settings as the master.
Bits 1:0 = SPR[1:0] Serial Clock Frequency.
These bits are set and cleared by software. Used with the SPR2 bit, they select the baud
rate of the SPI serial clock SCK output by the SPI in master mode.
Note:
These 2 bits have no effect in slave mode.
17.7.2
Control/status register (SPICSR)
Read/Write (some bits Read Only)
Reset Value: 0000 0000 (00h)
Bit 7 = SPIF Serial Peripheral Data Transfer Flag (Read only).
This bit is set by hardware when a transfer has been completed. An interrupt is generated if
Table 48.
SPI master mode SCK frequency
Serial clock
SPR2
SPR1
SPR0
fCPU/4
1
0
0
fCPU/8
0
0
0
fCPU/16
0
0
1
fCPU/32
1
1
0
fCPU/64
0
1
0
fCPU/128
0
1
1
7
0
SPIF
WCOL
OVR
MODF
-
SOD
SSM
SSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com