Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 115 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 115 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 111Page - STMicroelectronics ST7DALIF2 Datasheet HTML 112Page - STMicroelectronics ST7DALIF2 Datasheet HTML 113Page - STMicroelectronics ST7DALIF2 Datasheet HTML 114Page - STMicroelectronics ST7DALIF2 Datasheet HTML 115Page - STMicroelectronics ST7DALIF2 Datasheet HTML 116Page - STMicroelectronics ST7DALIF2 Datasheet HTML 117Page - STMicroelectronics ST7DALIF2 Datasheet HTML 118Page - STMicroelectronics ST7DALIF2 Datasheet HTML 119Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 171 page
background image
ST7DALIF2
10-bit A/D converter (ADC)
115/171
RAIN is the maximum recommended impedance for an analog input signal. If the impedance
is too high, this will result in a loss of accuracy due to leakage and sampling not being
completed in the alloted time.
18.3.4
A/D conversion
The analog input ports must be configured as input, no pull-up, no interrupt. Refer to
Section 12: I/O ports on page 61. Using these pins as analog inputs does not affect the
ability of the port to be read as a logic input.
In the ADCCSR register:
– Select the CS[2:0] bits to assign the analog channel to convert.
ADC conversion mode
In the ADCCSR register:
●
Set the ADON bit to enable the A/D converter and to start the conversion. From this
time on, the ADC performs a continuous conversion of the selected channel.
When a conversion is complete:
●
The EOC bit is set by hardware.
●
The result is in the ADCDR registers.
A read to the ADCDRH or a write to any bit of the ADCCSR register resets the EOC bit.
To read the 10 bits, perform the following steps:
1.
Poll EOC bit
2.
Read ADCDRL
3.
Read ADCDRH. This clears EOC automatically.
To read only 8 bits, perform the following steps:
1.
Poll EOC bit
2.
Read ADCDRH. This clears EOC automatically.
18.4
Changing the conversion channel
The application can change channels during conversion.
When software modifies the CH[3:0] bits in the ADCCSR register, the current conversion is
stopped, the EOC bit is cleared, and the A/D converter starts converting the newly selected
channel.
18.5
Low power modes
Note:
The A/D converter may be disabled by resetting the ADON bit. This feature allows reduced
power consumption when no conversion is needed and between single shot conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com