Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 114Page - STMicroelectronics ST7DALIF2 Datasheet HTML 115Page - STMicroelectronics ST7DALIF2 Datasheet HTML 116Page - STMicroelectronics ST7DALIF2 Datasheet HTML 117Page - STMicroelectronics ST7DALIF2 Datasheet HTML 118Page - STMicroelectronics ST7DALIF2 Datasheet HTML 119Page - STMicroelectronics ST7DALIF2 Datasheet HTML 120Page - STMicroelectronics ST7DALIF2 Datasheet HTML 121Page - STMicroelectronics ST7DALIF2 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 171 page
background image
10-bit A/D converter (ADC)
ST7DALIF2
118/171
This bit is set and cleared by software.
Bit 2 = AMPSEL Amplifier Selection Bit
0: Amplifier is not selected
1: Amplifier is selected
Bits 1:0 = D[1:0] LSB of Analog Converted Value
Note:
When AMPSEL=1 it is mandatory that fADC be less than or equal to 2 MHz.
Table 53.
ADC register map and reset values
Address
(Hex.)
Register
label
76
543
21
0
0034h
ADCCSR
Reset Value
EOC
0
SPEED
0
ADON
0
0
0
0
0
CH2
0
CH1
0
CH0
0
0035h
ADCDRH
Reset Value
D9
x
D8
x
D7
x
D6
x
D5
x
D4
x
D3
x
D2
x
0036h
ADCDRL
Reset Value
0
0
0
0
0
0
AMPC
AL
0
SLOW
0
AMPSE
L
0
D1
x
D0
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com