Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 117Page - STMicroelectronics ST7DALIF2 Datasheet HTML 118Page - STMicroelectronics ST7DALIF2 Datasheet HTML 119Page - STMicroelectronics ST7DALIF2 Datasheet HTML 120Page - STMicroelectronics ST7DALIF2 Datasheet HTML 121Page - STMicroelectronics ST7DALIF2 Datasheet HTML 122Page - STMicroelectronics ST7DALIF2 Datasheet HTML 123Page - STMicroelectronics ST7DALIF2 Datasheet HTML 124Page - STMicroelectronics ST7DALIF2 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 171 page
background image
ST7DALIF2
Instruction set
121/171
.
19.1.3
Direct
In Direct instructions, the operands are referenced by their memory address. The direct
addressing mode consists of two submodes:
Direct (short)
The address is a byte, thus requiring only one byte after the opcode, but only allows
00 - FF addressing space.
Direct (long)
The address is a word, thus allowing 64 Kbyte addressing space, but requires 2 bytes after
the opcode.
19.1.4
Indexed (no offset, short, long)
In this mode, the operand is referenced by its memory address, which is defined by the
unsigned addition of an index register (X or Y) with an offset.
The indexed addressing mode consists of three submodes:
Indexed (no offset)
There is no offset, (no extra byte after the opcode), and it allows 00 - FF addressing space.
Indexed (short)
The offset is a byte, thus requiring only one byte after the opcode and allows 00 - 1FE
addressing space.
Indexed (long)
The offset is a word, thus allowing 64 Kbyte addressing space and requires 2 bytes after the
opcode.
19.1.5
Indirect (short, long)
The required data byte to do the operation is found by its memory address, located in
memory (pointer).
The pointer address follows the opcode. The indirect addressing mode consists of two
submodes:
Table 57.
Immediate instructions
Instruction
Function
LD
Load
CP
Compare
BCP
Bit Compare
AND, OR, XOR
Logical operations
ADC, ADD, SUB, SBC
Arithmetic operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com