Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 117 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 117 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 113Page - STMicroelectronics ST7DALIF2 Datasheet HTML 114Page - STMicroelectronics ST7DALIF2 Datasheet HTML 115Page - STMicroelectronics ST7DALIF2 Datasheet HTML 116Page - STMicroelectronics ST7DALIF2 Datasheet HTML 117Page - STMicroelectronics ST7DALIF2 Datasheet HTML 118Page - STMicroelectronics ST7DALIF2 Datasheet HTML 119Page - STMicroelectronics ST7DALIF2 Datasheet HTML 120Page - STMicroelectronics ST7DALIF2 Datasheet HTML 121Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 171 page
background image
ST7DALIF2
10-bit A/D converter (ADC)
117/171
18.7.2
Data register high (ADCDRH)
Read Only
Reset Value: xxxx xxxx (xxh)
Bits 7:0 = D[9:2] MSB of Analog Converted Value
18.7.3
AMP control/data register low (ADCDRL)
Read/Write
Reset Value: 0000 00xx (0xh)
Bits 7:5 = Reserved. Forced by hardware to 0.
Bit 4 = AMPCAL Amplifier Calibration Bit
This bit is set and cleared by software. User is suggested to use this bit to calibrate the ADC
when amplifier is ON. Setting this bit internally connects amplifier input to 0 V. Hence,
corresponding ADC output can be used in software to eliminate amplifier-offset error.
0: Calibration off
1: Calibration on (The input voltage of the amp is set to 0V)
Note:
It is advised to use this bit to calibrate the ADC when the amplifier is ON. Setting this bit
internally connects the amplifier input to 0v. Hence, the corresponding ADC output can be
used in software to eliminate an amplifier-offset error.
Bit 3 = SLOW Slow mode
This bit is set and cleared by software. It is used together with the SPEED bit to configure
the ADC clock speed as shown on the table below.
AIN3
0
1
1
AIN4
1
0
0
AIN5
1
0
1
AIN6
1
1
0
1.
The number of channels is device dependent. Refer to Section 4: Pin description on page 13.
Table 51.
Channel selection bits (continued)
Channel pin(1)
CH2
CH1
CH0
7
0
D9
D8
D7
D6
D5
D4
D3
D2
7
0
0
0
0
AMP CAL
SLOW
AMPSEL
D1
D0
Table 52.
ADC clock speed selection
fADC
SLOW
SPEED
fCPU/2
0
0
fCPU
01
fCPU/4
1
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com