Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 162 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 162 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 158Page - STMicroelectronics ST7DALIF2 Datasheet HTML 159Page - STMicroelectronics ST7DALIF2 Datasheet HTML 160Page - STMicroelectronics ST7DALIF2 Datasheet HTML 161Page - STMicroelectronics ST7DALIF2 Datasheet HTML 162Page - STMicroelectronics ST7DALIF2 Datasheet HTML 163Page - STMicroelectronics ST7DALIF2 Datasheet HTML 164Page - STMicroelectronics ST7DALIF2 Datasheet HTML 165Page - STMicroelectronics ST7DALIF2 Datasheet HTML 166Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 171 page
background image
Device configuration
ST7DALIF2
162/171
Note:
When the internal RC oscillator is selected, the OSCRANGE option bits must be kept at
their default value in order to select the 256 clock cycle delay (see Section 9.6).
OPT3:2 = SEC[1:0] Sector 0 size definition
These option bits indicate the size of sector 0 according to the following table.
OPT1 = FMP_R Readout protection
Readout protection, when selected provides a protection against program memory content
extraction and against write access to Flash memory. Erasing the option bytes when the
FMP_R option is selected will cause the whole memory to be erased first and the device can
be reprogrammed. Refer to the ST7 Flash Programming Reference Manual and Section 6.5
on page 21 for more details
0: Readout protection off
1: Readout protection on
OPT0 = FMP_W FLASH write protection
This option indicates if the FLASH program memory is write protected.
Caution:
When this option is selected, the program memory (and the option bit itself) can never be
erased or programmed again.
0: Write protection off
1: Write protection on
22.1.2
Option byte 1
OPT7 = PLLx4x8 PLL Factor selection.
0: PLLx4
1: PLLx8
OPT6 = PLLOFF PLL disable.
0: PLL enabled
1: PLL disabled (by-passed)
OPT5 = PLL32OFF 32MHz PLL disable.
0: PLL32 enabled
1: PLL32 disabled (by-passed)
OPT4 = OSC RC Oscillator selection
0: RC oscillator on
1: RC oscillator off
Note:
If the RC oscillator is selected, then to improve clock stability and frequency accuracy, it is
recommended to place a decoupling capacitor, typically 100 nF, between the VDD and VSS
pins as close as possible to the ST7 device.
Table 96.
Program memory sector size configuration
Sector 0 Size
SEC1
SEC0
0.5k
00
1k
01
2k
10
4k
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com