Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 159Page - STMicroelectronics ST7DALIF2 Datasheet HTML 160Page - STMicroelectronics ST7DALIF2 Datasheet HTML 161Page - STMicroelectronics ST7DALIF2 Datasheet HTML 162Page - STMicroelectronics ST7DALIF2 Datasheet HTML 163Page - STMicroelectronics ST7DALIF2 Datasheet HTML 164Page - STMicroelectronics ST7DALIF2 Datasheet HTML 165Page - STMicroelectronics ST7DALIF2 Datasheet HTML 166Page - STMicroelectronics ST7DALIF2 Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 171 page
background image
ST7DALIF2
Device configuration
163/171
OPT3:2 = LVD[1:0] Low voltage detection selection
These option bits enable the LVD block with a selected threshold as shown in Table 97.
OPT1 = WDG SW Hardware or Software
Watchdog
This option bit selects the watchdog type.
0: Hardware (watchdog always enabled)
1: Software (watchdog to be enabled by software)
OPT0 = WDG HALT Watchdog Reset on Halt
This option bit determines if a RESET is generated when entering Halt mode while the
Watchdog is active.
0: No Reset generation when entering Halt mode
1: Reset generation when entering Halt mode
Note:
See Clock Management Block diagram in Figure 12
Table 97.
LVD threshold configuration
Configuration
LVD1
LVD0
LVD Off
11
Highest Voltage Threshold (
∼4.1V)
1
0
Medium Voltage Threshold (
∼3.5V)
0
1
Lowest Voltage Threshold (
∼2.8V)
0
0
Table 98.
List of valid option combinations
Operating conditions
Option bits
VDD range
Clock source
PLL
Typ fCPU
OSC
PLLOFF PLLx4x8
2.4 V - 3.3 V
Internal RC 1%
off
0.7 MHz @3 V
0
1
1
x4
2.8 MHz @3 V
0
0
0
x8
-
-
-
-
External clock or
oscillator
(depending on OPT6:4
selection)
off
0-4 MHz
1
1
1
x4
4 MHz
1
0
0
x8
-
-
-
-
3.3 V - 5.5 V
Internal RC 1%
off
1 MHz @5 V
0
1
1
x4
-
-
-
-
x8
8 MHz @5 V
0
0
1
External clock or
oscillator
(depending on OPT6:4
selection)
off
0-8 MHz
1
1
1
x4
-
-
-
-
x8
8 MHz
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com