Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 159 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 159 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 155Page - STMicroelectronics ST7DALIF2 Datasheet HTML 156Page - STMicroelectronics ST7DALIF2 Datasheet HTML 157Page - STMicroelectronics ST7DALIF2 Datasheet HTML 158Page - STMicroelectronics ST7DALIF2 Datasheet HTML 159Page - STMicroelectronics ST7DALIF2 Datasheet HTML 160Page - STMicroelectronics ST7DALIF2 Datasheet HTML 161Page - STMicroelectronics ST7DALIF2 Datasheet HTML 162Page - STMicroelectronics ST7DALIF2 Datasheet HTML 163Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 171 page
background image
ST7DALIF2
Package characteristics
159/171
21.1
Package mechanical data
Figure 96.
20-Pin plastic small outline package, 300-mil width
Table 93.
20-pin plastic small outline package dimensions
Dim.
mm
Inches
Min
Typ
Max
Min
Typ
Max
A
2.35
2.65
0.0925
0.1043
A1
0.10
0.30
0.0039
0.0118
B
0.33
0.51
0.0130
0.0201
C
0.23
0.32
0.0091
0.0126
D
12.60
13.00
0.4961
0.5118
E
7.40
7.60
0.2913
0.2992
e
1.27
0.050
H
10.00
10.65
0.3937
0.4193
h
0.25
0.75
0.0098
0.0295
α
0°
8°
0°
8°
L
0.40
1.27
0.0157
0.0500
Number of pins
N
20
EH
A
A1
B
e
D
c
h x 45×
L
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com