Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 153Page - STMicroelectronics ST7DALIF2 Datasheet HTML 154Page - STMicroelectronics ST7DALIF2 Datasheet HTML 155Page - STMicroelectronics ST7DALIF2 Datasheet HTML 156Page - STMicroelectronics ST7DALIF2 Datasheet HTML 157Page - STMicroelectronics ST7DALIF2 Datasheet HTML 158Page - STMicroelectronics ST7DALIF2 Datasheet HTML 159Page - STMicroelectronics ST7DALIF2 Datasheet HTML 160Page - STMicroelectronics ST7DALIF2 Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 171 page
background image
ST7DALIF2
Electrical characteristics
157/171
20.11.1
Amplifier output offset variation
The offset is quite sensitive to temperature variations. In order to ensure a good reliability in
measurements, the offset must be recalibrated periodically i.e. during power on or whenever
the device is reset depending on the customer application and during temperature variation.
The table below gives the typical offset variation over temperature:
Table 91.
Amplifier characteristics
Symbol
Parameter
Conditions(1)
1.
Data based on characterization results over the whole temperature range, not tested in production.
Min
Typ
Max
Unit
VDD(AMP)
Amplifier operating voltage
3.6
5.5
V
VIN
Amplifier input voltage(2)
2.
Please refer to the Application Note AN1830 for details of TE% vs Vin.
VDD=3.6 V
0
350
mV
VDD=5 V
0
500
VOFFSET
Amplifier output offset
voltage(3)
3.
Refer to the offset variation in temperature below
VDD=5 V
200
mV
VSTEP
Step size for monotonicity(4)
4.
Monotonicity guaranteed if VIN increases or decreases in steps of min. 5 mV.
VDD=3.6 V
3.5
mV
VDD=5 V
4.89
Linearity
Output Voltage Response
Linear
Gain factor
Amplified Analog input
Gain(5)
5.
For precise conversion results it is recommended to calibrate the amplifier at the following two points:
- Offset at VINmin = 0V
- Gain at full scale (for example VIN=430 mV)
8
Vmax
Output Linearity Max Voltage V
INmax = 430 mV,
VDD=5 V
3.65
3.94
V
Vmin
Output Linearity Min Voltage
200
mV
Table 92.
Amplifier offset variation over temperature
Typical offset variation (LSB)
Unit
-45
-20
+25
+90
°C
-12
-7
-
+13
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com