Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 155 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 155 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 151Page - STMicroelectronics ST7DALIF2 Datasheet HTML 152Page - STMicroelectronics ST7DALIF2 Datasheet HTML 153Page - STMicroelectronics ST7DALIF2 Datasheet HTML 154Page - STMicroelectronics ST7DALIF2 Datasheet HTML 155Page - STMicroelectronics ST7DALIF2 Datasheet HTML 156Page - STMicroelectronics ST7DALIF2 Datasheet HTML 157Page - STMicroelectronics ST7DALIF2 Datasheet HTML 158Page - STMicroelectronics ST7DALIF2 Datasheet HTML 159Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 171 page
background image
ST7DALIF2
Electrical characteristics
155/171
Figure 93.
ADC accuracy characteristics with amplifier disabled
Glossary:
ET=Total Unadjusted Error: maximum deviation between the actual and the ideal transfer
curves.
EO=Offset Error: deviation between the first actual transition and the first ideal one.
EG=Gain Error: deviation between the last ideal transition and the last actual one.
ED=Differential Linearity Error: maximum deviation between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation between any actual transition and the end
point correlation line.
Table 90.
ADC Accuracy with VDD=5.0 V
Symbol
Parameter
Conditions
Typ
Max 1)
Unit
|ET|
Total unadjusted error
(1)
1.
Injecting negative current on any of the analog input pins significantly reduces the accuracy of any conversion being
performed on any analog input.
Analog pins can be protected against negative injection by adding a Schottky diode (pin to ground). Injecting negative
current on digital input pins degrades ADC accuracy especially if performed on a pin close to the analog input pins.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 20.2 does not affect the ADC
accuracy.
fCPU=8 MHz, fADC=4 MHz
(2),
VDD=5.0 V
2.
Data based on characterization results over the whole temperature range, not tested in production.
36
LSB
|EO|
Offset error 2)
1.5
5
|EG|
Gain Error 2)
24.5
|ED|
Differential linearity
error 2)
2.5
4.5
|EL|
Integral linearity error 2)
2.5
4.5
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
DD
V
SS
–
1024
--------------------------------
=
Vin (LSBIDEAL)
Digital Result ADCDR
1023
1022
1021
5
4
3
2
1
0
7
6
1
234567
1021 1022 1023 1024
(example of actual transfer curve)
(Ideal transfer curve)
ET
ED
EL
(endpoint correlation line)
VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com