Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 152 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 152 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 148Page - STMicroelectronics ST7DALIF2 Datasheet HTML 149Page - STMicroelectronics ST7DALIF2 Datasheet HTML 150Page - STMicroelectronics ST7DALIF2 Datasheet HTML 151Page - STMicroelectronics ST7DALIF2 Datasheet HTML 152Page - STMicroelectronics ST7DALIF2 Datasheet HTML 153Page - STMicroelectronics ST7DALIF2 Datasheet HTML 154Page - STMicroelectronics ST7DALIF2 Datasheet HTML 155Page - STMicroelectronics ST7DALIF2 Datasheet HTML 156Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 171 page
background image
Electrical characteristics
ST7DALIF2
152/171
Figure 89.
SPI slave timing diagram with CPHA=0
Note:
1
Measurement points are done at CMOS levels: 0.3xVDD and 0.7xVDD.
2
When no communication is on-going the data output line of the SPI (MOSI in master mode,
MISO in slave mode) has its alternate function capability released. In this case, the pin
status depends on the I/O port configuration.
tsu(SS)
(1) SS setup time (2)
Slave
(4 x TCPU) +150
ns
th(SS)
(1)
SS hold time
Slave
120
tw(SCKH)
tw(SCKL)
SCK high and low
time
Master
Slave
100
90
tsu(MI)
tsu(SI)
Data input setup time
Master
Slave
100
100
th(MI)
th(SI)
Data input hold time
Master
Slave
100
100
ta(SO)
Data output access
time
Slave
0
120
tdis(SO)
Data output disable
time
Slave
240
tv(SO)
Data output valid
time
Slave (after enable
edge)
120
th(SO)
Data output hold time
0
tv(MO)
Data output valid
time
Master (after enable
edge)
120
th(MO)
Data output hold time
0
1.
Data based on design simulation and/or characterisation results, not tested in production.
2.
Depends on fCPU. For example, if fCPU = 8 MHz, then TCPU = 1/ fCPU = 125 ns and tSU(SS) = 550 ns
Table 88.
SPI characteristics (continued)
Symbol
Parameter
Conditions
Min
Max
Unit
SS INPUT
CPHA=0
MOSI INPUT
MISO OUTPUT
CPHA=0
tc(SCK)
tw(SCKH)
tw(SCKL)
tr(SCK)
tf(SCK)
tv(SO)
ta(SO)
tsu(SI)
th(SI)
MSB OUT
MSB IN
BIT6 OUT
LSB IN
LSB OUT
see note 2
CPOL=0
CPOL=1
tsu(SS)
th(SS)
tdis(SO)
th(SO)
see
note 2
BIT1 IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com