Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 145Page - STMicroelectronics ST7DALIF2 Datasheet HTML 146Page - STMicroelectronics ST7DALIF2 Datasheet HTML 147Page - STMicroelectronics ST7DALIF2 Datasheet HTML 148Page - STMicroelectronics ST7DALIF2 Datasheet HTML 149Page - STMicroelectronics ST7DALIF2 Datasheet HTML 150Page - STMicroelectronics ST7DALIF2 Datasheet HTML 151Page - STMicroelectronics ST7DALIF2 Datasheet HTML 152Page - STMicroelectronics ST7DALIF2 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 171 page
background image
ST7DALIF2
Electrical characteristics
149/171
20.9
Control pin characteristics
TA = -40°C to 85°C, unless otherwise specified
Table 87.
Asynchronous RESET pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
VSS - 0.3
0.3xVDD
V
VIH
Input high level voltage
0.7xVDD
VDD + 0.3
Vhys
Schmitt trigger voltage
hysteresis (1)
2V
VOL
Output low level voltage (2)
VDD=
5 V
IIO=+5 mA TA≤85° C
TA≥85° C
0.5
1.0
1.2
V
IIO=+2 mA TA≤85° C
TA≥85° C
0.2
0.4
0.5
RON
Pull-up equivalent resistor (3) (1)
VDD=5 V
20
40
80
k
Ω
VDD=3 V
40
70
120
tw(RSTL)o
ut
Generated reset pulse duration Internal reset sources
30
μs
th(RSTL)in
External reset pulse hold time
(4)
20
μs
tg(RSTL)in Filtered glitch duration
200
ns
1.
Data based on characterization results, not tested in production.
2.
The IIO current sunk must always respect the absolute maximum rating specified in Section 13.2.2 and the sum of IIO (I/O
ports and control pins) must not exceed IVSS.
3.
The RON pull-up equivalent resistor is based on a resistive transistor. Specified for voltages on RESET pin between VILmax
and VDD
4.
To guarantee the reset of the device, a minimum pulse has to be applied to the RESET pin. All short pulses applied on
RESET pin with a duration below th(RSTL)in can be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com