Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 146 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 142Page - STMicroelectronics ST7DALIF2 Datasheet HTML 143Page - STMicroelectronics ST7DALIF2 Datasheet HTML 144Page - STMicroelectronics ST7DALIF2 Datasheet HTML 145Page - STMicroelectronics ST7DALIF2 Datasheet HTML 146Page - STMicroelectronics ST7DALIF2 Datasheet HTML 147Page - STMicroelectronics ST7DALIF2 Datasheet HTML 148Page - STMicroelectronics ST7DALIF2 Datasheet HTML 149Page - STMicroelectronics ST7DALIF2 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 171 page
background image
Electrical characteristics
ST7DALIF2
146/171
Figure 72.
Typical VOL at VDD=2.4 V (standard) Figure 73. Typical VOL at VDD=2.7 V (standard)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.01
1
2
lio (mA)
-45
0°C
25°C
90°C
130°C
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.01
1
2
lio (mA)
-45°C
0°C
25°C
90°C
130°C
Figure 74.
Typical VOL at VDD=3.3 V (standard) Figure 75. Typical VOL at VDD=5 V (standard)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.01
1
2
3
lio (mA)
-45°C
0°C
25°C
90°C
130°C
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.01
12
345
lio (mA)
-45°C
0°C
25°C
90°C
130°C
Figure 76.
Typical VOL at VDD=2.4 V (high-sink) Figure 77. Typical VOL at VDD=5 V (high-sink)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
67
8
9
10
lio (mA)
-45
0°C
25°C
90°C
130°C
0.00
0.50
1.00
1.50
2.00
2.50
6
7
8
9
10
15
20
25
30
35
40
lio(mA)
-45
0°C
25°C
90°C
130°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com