Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 143 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 143 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 139Page - STMicroelectronics ST7DALIF2 Datasheet HTML 140Page - STMicroelectronics ST7DALIF2 Datasheet HTML 141Page - STMicroelectronics ST7DALIF2 Datasheet HTML 142Page - STMicroelectronics ST7DALIF2 Datasheet HTML 143Page - STMicroelectronics ST7DALIF2 Datasheet HTML 144Page - STMicroelectronics ST7DALIF2 Datasheet HTML 145Page - STMicroelectronics ST7DALIF2 Datasheet HTML 146Page - STMicroelectronics ST7DALIF2 Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 171 page
background image
ST7DALIF2
Electrical characteristics
143/171
20.8
I/O port pin characteristics
20.8.1
General characteristics
Subject to general operating conditions for VDD, fOSC, and TA unless otherwise specified.
Figure 70.
Two typical applications with unused I/O pin
Caution:
During normal operation the ICCCLK pin must be pulled-up, internally or externally (external
pull-up of 10k mandatory in noisy environment. This is to avoid entering ICC mode
unexpectedly during a reset.
Note:
I/O can be left unconnected if it is configured as output (0 or 1) by the software. This has the
advantage of greater EMC robustness and lower cost.
Table 85.
General characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
VSS - 0.3
0.3xVDD
V
VIH
Input high level voltage
0.7xVDD
VDD + 0.3
Vhys
Schmitt trigger voltage
hysteresis (1)
400
mV
IL
Input leakage current
VSS≤VIN≤VDD
±1
μA
IS
Static current consumption
induced by each floating input
pin(2)
Floating input mode
400
RPU
Weak pull-up equivalent resistor(3)
VIN=
VSS
VDD=5 V
50
120
250
k
Ω
VDD=3 V
160
CIO
I/O pin capacitance
5
pF
tf(IO)out
Output high to low level fall time (1) C
L=50 pF
Between 10% and
90%
25
ns
tr(IO)out
Output low to high level rise time
(1)
25
tw(IT)in
External interrupt pulse time (4)
1tCPU
1.
Data based on characterization results, not tested in production.
2.
Configuration not recommended, all unused pins must be kept at a fixed voltage: using the output mode of the I/O for example or an external
pull-up or pull-down resistor (see Figure 70). Static peak current value taken at a fixed VIN value, based on design simulation and technology
characteristics, not tested in production. This value depends on VDD and temperature values.
3.
The RPU pull-up equivalent resistor is based on a resistive transistor (corresponding IPU current characteristics described in Figure 71).
4.
To generate an external interrupt, a minimum pulse width has to be applied on an I/O port pin configured as an external interrupt source.
10k
Ω
UNUSED I/O PORT
ST7XXX
10k
Ω
UNUSED I/O PORT
ST7XXX
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com