Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 138Page - STMicroelectronics ST7DALIF2 Datasheet HTML 139Page - STMicroelectronics ST7DALIF2 Datasheet HTML 140Page - STMicroelectronics ST7DALIF2 Datasheet HTML 141Page - STMicroelectronics ST7DALIF2 Datasheet HTML 142Page - STMicroelectronics ST7DALIF2 Datasheet HTML 143Page - STMicroelectronics ST7DALIF2 Datasheet HTML 144Page - STMicroelectronics ST7DALIF2 Datasheet HTML 145Page - STMicroelectronics ST7DALIF2 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 171 page
background image
Electrical characteristics
ST7DALIF2
142/171
20.7.2
Electromagnetic interference (EMI)
Based on a simple application running on the product (toggling 2 LEDs through the I/O
ports), the product is monitored in terms of emission. This emission test is in line with the
norm SAE J 1752/3 which specifies the board and the loading of each pin.
20.7.3
Absolute maximum ratings (electrical sensitivity)
Based on two different tests (ESD and LU) using specific measurement methods, the
product is stressed in order to determine its performance in terms of electrical sensitivity.
Electrostatic discharge (ESD)
Electrostatic discharges (a positive then a negative pulse separated by 1 second) are
applied to the pins of each sample according to each pin combination. The sample size
depends on the number of supply pins in the device (3 parts*(n+1) supply pin). This test
conforms to the AEC-Q100-002 standard.
Static latch-up (LU)
2 complementary static tests are required on six parts to assess the latch-up performance.
●
A supply overvoltage (applied to each power supply pin)
●
A current injection (applied to each input, output and configurable I/O pin)
These tests are compliant with the EIA/JESD 78 IC latch-up standard.
Table 82.
EMI data(1)
1.
Data based on characterization results, not tested in production.
Symbol
Parameter
Conditions
Monitored
frequency band
Max vs.
[fOSC2/fCPU]
Unit
8/4
MHz
16/8
MHz
SEMI
Peak level
VDD=5 V, TA=+25° C,
SO20 package,
conforming to SAE J
1752/3
0.1 MHz to 30 MHz
9
17
dB
μV
30 MHz to 130 MHz
31
36
130 MHz to 1 GHz
25
27
SAE EMI Level
3.5
4
-
Table 83.
Absolute maximum ratings
Symbol
Ratings
Conditions
Class
Maximum
value (1)
Unit
VESD(HBM)
Electrostatic discharge voltage
(Human Body Model)
TA=+25°C
conforming to AEC-Q100-
002
H1C
4000
V
1.
Data based on characterization results, not tested in production.
Table 84.
Electrical sensitivities
Symbol
Parameter
Conditions
Class
LU
Static latch-up class
TA=+25° C conforming to JESD 78
II level A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com