Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 138 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 138 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 134Page - STMicroelectronics ST7DALIF2 Datasheet HTML 135Page - STMicroelectronics ST7DALIF2 Datasheet HTML 136Page - STMicroelectronics ST7DALIF2 Datasheet HTML 137Page - STMicroelectronics ST7DALIF2 Datasheet HTML 138Page - STMicroelectronics ST7DALIF2 Datasheet HTML 139Page - STMicroelectronics ST7DALIF2 Datasheet HTML 140Page - STMicroelectronics ST7DALIF2 Datasheet HTML 141Page - STMicroelectronics ST7DALIF2 Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 171 page
background image
Electrical characteristics
ST7DALIF2
138/171
20.5
Clock and timing characteristics
Subject to general operating conditions for VDD, fOSC, and TA.
20.5.1
Crystal and ceramic resonator oscillators
The ST7 internal clock can be supplied with eight different Crystal/Ceramic resonator
oscillators. All the information given in this paragraph are based on characterization results
with specified typical external components. In the application, the resonator and the load
capacitors have to be placed as close as possible to the oscillator pins in order to minimize
output distortion and start-up stabilization time. Refer to the crystal/ceramic resonator
manufacturer for more details (frequency, package, accuracy...).
Table 74.
General timings
Symbol
Parameter (1)
1.
Guaranteed by design. Not tested in production.
Conditions
Min
Typ (2)
2.
Data based on typical application software.
Max
Unit
tc(INST)
Instruction cycle time
fCPU=8 MHz
23
12
t
CPU
250
375
1500
ns
tv(IT)
Interrupt reaction time (3)
tv(IT) = Δtc(INST) + 10
3.
Time measured between interrupt event and interrupt vector fetch.
Δt
c(INST) is the number of tCPU cycles
needed to finish the current instruction execution.
fCPU=8 MHz
10
22
t
CPU
1.25
2.75
μs
Table 75.
Auto wakeup from halt oscillator (AWU)
Symbol
Parameter (1)
1.
Guaranteed by design.
Conditions
Min
Typ
Max
Unit
fAWU
AWU Oscillator
Frequency
50
125
250
kHz
tRCSRT
AWU Oscillator startup
time
50
µs
Table 76.
Oscillator characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fCrOSC
Crystal Oscillator Frequency (1)
1.
When PLL is used, please refer to the PLL characteristics chapter and to Section 9: Supply, reset and
clock management on page 32 (fCrOSC min. is 8 MHz with PLL).
216
MHz
CL1
CL2
Recommended load capacitance
versus equivalent serial
resistance of the crystal or
ceramic resonator (RS)
See table below
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com