Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 136 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 136 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 132Page - STMicroelectronics ST7DALIF2 Datasheet HTML 133Page - STMicroelectronics ST7DALIF2 Datasheet HTML 134Page - STMicroelectronics ST7DALIF2 Datasheet HTML 135Page - STMicroelectronics ST7DALIF2 Datasheet HTML 136Page - STMicroelectronics ST7DALIF2 Datasheet HTML 137Page - STMicroelectronics ST7DALIF2 Datasheet HTML 138Page - STMicroelectronics ST7DALIF2 Datasheet HTML 139Page - STMicroelectronics ST7DALIF2 Datasheet HTML 140Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 171 page
background image
Electrical characteristics
ST7DALIF2
136/171
20.4.1
Supply current
TA = -40 to +85° C unless otherwise specified, VDD=5.5 V
Table 72.
Supply current characteristics
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD
Supply current in RUN mode
External Clock, fCPU=1 MHz
(1)
1.
CPU running with memory access, all I/O pins in input mode with a static value at VDD or VSS (no load), all
peripherals in reset state; clock input (CLKIN) driven by external square wave, LVD disabled.
1
mA
Internal RC, fCPU=1 MHz
2.2
fCPU=8 MHz
(1)
7.5
12
Supply current in Wait mode
External Clock, fCPU=1 MHz
(2)
2.
All I/O pins in input mode with a static value at VDD or VSS (no load), all peripherals in reset state; clock
input (CLKIN) driven by external square wave, LVD disabled.
0.8
Internal RC, fCPU=1 MHz
1.8
fCPU=8 MHz
(2)
3.7
6
Supply current in Slow mode
fCPU=250 kHz
(3)
3.
Slow mode selected with fCPU based on fOSC2 divided by 32. All I/O pins in input mode with a static value
at VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square wave,
LVD disabled.
1.6
2.5
Supply current in Slow Wait
mode
fCPU=250 kHz
(4)
4.
Slow-Wait mode selected with fCPU based on fOSC2 divided by 32. All I/O pins in input mode with a static
value at VDD or VSS (no load), all peripherals in reset state; clock input (CLKIN) driven by external square
wave, LVD disabled.
1.6
2.5
Supply current in Halt mode (5)
5.
All I/O pins in output mode with a static value at VSS (no load), LVD disabled. Data based on
characterization results, tested in production at VDD max and fCPU max.
-40° C
≤T
A≤+85° C
1
10
μA
TA= +125° C
15
50
Supply current in AWUFH
mode (6)(7)
6.
All I/O pins in input mode with a static value at VDD or VSS (no load). Data tested in production at VDD max.
and fCPU max.
7.
This consumption refers to the Halt period only and not the associated run period which is software
dependent.
TA= +25° C
20
30
Figure 63.
Typical IDD in RUN vs. fCPU
Figure 64.
Typical IDD in Slow vs. fCPU
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vdd (V)
8Mhz
4Mhz
1Mhz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
22.5
33.5
4
4.5
5
5.5
6
Vdd(V)
250Khz
125Khz
62.5Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com