Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 134 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 134 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 130Page - STMicroelectronics ST7DALIF2 Datasheet HTML 131Page - STMicroelectronics ST7DALIF2 Datasheet HTML 132Page - STMicroelectronics ST7DALIF2 Datasheet HTML 133Page - STMicroelectronics ST7DALIF2 Datasheet HTML 134Page - STMicroelectronics ST7DALIF2 Datasheet HTML 135Page - STMicroelectronics ST7DALIF2 Datasheet HTML 136Page - STMicroelectronics ST7DALIF2 Datasheet HTML 137Page - STMicroelectronics ST7DALIF2 Datasheet HTML 138Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 171 page
background image
Electrical characteristics
ST7DALIF2
134/171
Figure 60.
PLL
Δf
CPU/fCPU versus time
Figure 56.
RC Osc Freq vs VDD @ TA=25°C
(Calibrated with RCCR1: 3V @
25°C)
Figure 57.
RC Osc Freq vs VDD
(Calibrated with RCCR0: 5V@ 25°C)
0.50
0.60
0.70
0.80
0.90
1.00
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
4
VDD (V)
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.10
2.5
3
3.5
4
4.5
5
5.5
6
Vdd (V)
-45°
0°
25°
90°
105°
130°
Figure 58.
Typical RC oscillator Accuracy vs
temperature @ VDD=5V
(Calibrated with RCCR0: 5V @ 25°C
Figure 59.
RC Osc Freq vs VDD and RCCR
Value
2
-1
-5
-45
025
85
-2
-4
-3
0
1
(*)
(*)
(*)
(*) tested in production
Temperature (°C)
125
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
1.60
1.80
2.4
2.7
3
3.3 3.75
4
4.5
5
5.5
6
Vdd (V)
rccr=00h
rccr=64h
rccr=80h
rccr=C0h
rccr=FFh
tw(JIT)
Δf
CPU/fCPU
t
Min
Max
0
tw(JIT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com