Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 131 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 131 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 127Page - STMicroelectronics ST7DALIF2 Datasheet HTML 128Page - STMicroelectronics ST7DALIF2 Datasheet HTML 129Page - STMicroelectronics ST7DALIF2 Datasheet HTML 130Page - STMicroelectronics ST7DALIF2 Datasheet HTML 131Page - STMicroelectronics ST7DALIF2 Datasheet HTML 132Page - STMicroelectronics ST7DALIF2 Datasheet HTML 133Page - STMicroelectronics ST7DALIF2 Datasheet HTML 134Page - STMicroelectronics ST7DALIF2 Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 171 page
background image
ST7DALIF2
Electrical characteristics
131/171
20.3.1
Operating conditions with low voltage detector (LVD)
TA = -40 to 85°C, unless otherwise specified
20.3.2
Auxiliary Voltage Detector (AVD) Thresholds
TA = -40 to 85°C, unless otherwise specified
20.3.3
Internal RC oscillator and PLL
The ST7 internal clock can be supplied by an internal RC oscillator and PLL (selectable by
option byte).
Table 66.
Power on/power down operating conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
4.00(1)
3.40 (1)
2.65 (1)
1.
Not tested in production.
4.25
3.60
2.90
4.50
3.80
3.15
V
VIT-(LVD)
Reset generation threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
3.80
3.20
2.40
4.05
3.40
2.70
4.30 (1)
3.65 (1)
2.90(1)
Vhys
LVD voltage threshold
hysteresis
VIT+(LVD)-VIT-(LVD)
200
mV
VtPOR
VDD rise time rate
(2)(3)
2.
Not tested in production. The VDD rise time rate condition is needed to insure a correct device power-on
and LVD reset. When the VDD slope is outside these values, the LVD may not ensure a proper reset of the
MCU.
3.
Use of LVD with capacitive power supply: with this type of power supply, if power cuts occur in the
application, it is recommended to pull VDD down to 0V to ensure optimum restart conditions. Refer to circuit
example in Figure 87 on page 150 and note 4.
20
20000
μs/V
tg(VDD)
Filtered glitch delay on VDD
Not detected by the
LVD
150
ns
IDD(LVD) LVD/AVD current consumption
220
μA
Table 67.
AVD thresholds
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIT+(AVD)
1=>0 AVDF flag toggle
threshold
(VDD rise)
High Threshold
Med. Threshold
Low Threshold
4.40(1)
3.90(1)
3.20(1)
1.
Not tested in production.
4.70
4.10
3.40
5.00
4.30
3.60
V
VIT-(AVD)
0=>1 AVDF flag toggle
threshold
(VDD fall)
High Threshold
Med. Threshold
Low Threshold
4.30
3.70
2.90
4.60
3.90
3.20
4.90(1)
4.10(1)
3.40(1)
Vhys
AVD voltage threshold
hysteresis
VIT+(AVD)-VIT-(AVD)
150
mV
ΔV
IT-
Voltage drop between AVD
flag set and LVD reset
activation
VDD fall
0.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com