Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 127 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 127 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 123Page - STMicroelectronics ST7DALIF2 Datasheet HTML 124Page - STMicroelectronics ST7DALIF2 Datasheet HTML 125Page - STMicroelectronics ST7DALIF2 Datasheet HTML 126Page - STMicroelectronics ST7DALIF2 Datasheet HTML 127Page - STMicroelectronics ST7DALIF2 Datasheet HTML 128Page - STMicroelectronics ST7DALIF2 Datasheet HTML 129Page - STMicroelectronics ST7DALIF2 Datasheet HTML 130Page - STMicroelectronics ST7DALIF2 Datasheet HTML 131Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 171 page
background image
ST7DALIF2
Electrical characteristics
127/171
20
Electrical characteristics
20.1
Parameter conditions
Unless otherwise specified, all voltages are referred to VSS.
20.1.1
Minimum and maximum values
Unless otherwise specified the minimum and maximum values are guaranteed in the worst
conditions of ambient temperature, supply voltage and frequencies by tests in production on
100% of the devices with an ambient temperature at TA=25°C and TA=TAmax (given by the
selected temperature range).
Data based on characterization results, design simulation and/or technology characteristics
are indicated in the table footnotes and are not tested in production. Based on
characterization, the minimum and maximum values refer to sample tests and represent the
mean value plus or minus three times the standard deviation (mean±3
Σ).
20.1.2
Typical values
Unless otherwise specified, typical data are based on TA=25°C, VDD=5V (for the
4.5V
≤V
DD≤5.5V voltage range) and VDD=3.3V (for the 3V≤VDD≤4V voltage range). They are
given only as design guidelines and are not tested.
20.1.3
Typical curves
Unless otherwise specified, all typical curves are given only as design guidelines and are
not tested.
20.1.4
Loading capacitor
The loading conditions used for pin parameter measurement are shown in Figure 53.
Figure 53.
Pin loading conditions
20.1.5
Pin input voltage
The input voltage measurement on a pin of the device is described in Figure 54.
CL
ST7 PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com