Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 125Page - STMicroelectronics ST7DALIF2 Datasheet HTML 126Page - STMicroelectronics ST7DALIF2 Datasheet HTML 127Page - STMicroelectronics ST7DALIF2 Datasheet HTML 128Page - STMicroelectronics ST7DALIF2 Datasheet HTML 129Page - STMicroelectronics ST7DALIF2 Datasheet HTML 130Page - STMicroelectronics ST7DALIF2 Datasheet HTML 131Page - STMicroelectronics ST7DALIF2 Datasheet HTML 132Page - STMicroelectronics ST7DALIF2 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 171 page
background image
ST7DALIF2
Electrical characteristics
129/171
Table 63.
Current characteristics
Symbol
Ratings
Maximum value
Unit
IVDD
Total current into VDD power lines (source)
75
mA
IVSS
Total current out of VSS ground lines (sink)
150
IIO
Output current sunk by any standard I/O and
control pin
20
Output current sunk by any high sink I/O pin
40
Output current source by any I/Os and control
pin
- 25
IINJ(PIN)
(1) & (2)
1.
IINJ(PIN) must never be exceeded. This is implicitly insured if VIN maximum is respected. If VIN maximum cannot be
respected, the injection current must be limited externally to the IINJ(PIN) value. A positive injection is induced by VIN>VDD
while a negative injection is induced by VIN<VSS. For true open-drain pads, there is no positive injection current, and the
corresponding VIN maximum must always be respected
2.
Negative injection disturbs the analog performance of the device. In particular, it induces leakage currents throughout the
device including the analog inputs. To avoid undesirable effects on the analog functions, care must be taken:
- Analog input pins must have a negative injection less than 0.8 mA (assuming that the impedance of the analog voltage is
lower than the specified limits)
- Pure digital pins must have a negative injection less than 1.6mA. In addition, it is recommended to inject the current as
far as possible from the analog input pins.
Injected current on RESET pin
± 5
Injected current on OSC1 and OSC2 pins
± 5
Injected current on PB0 and PB1 pins (3)
3.
No negative current injection allowed on PB0 and PB1 pins.
+5
Injected current on any other pin(4)
4.
When several inputs are submitted to a current injection, the maximum
ΣI
INJ(PIN) is the absolute sum of the positive and
negative injected currents (instantaneous values). These results are based on characterization with
ΣI
INJ(PIN) maximum
current injection on four I/O port pins of the device.
± 5
ΣI
INJ(PIN)
2)
Total injected current (sum of all I/O and control
pins) (4)
± 20
Table 64.
Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature (see Table 94 on page 160)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com