Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 132 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 132 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 128Page - STMicroelectronics ST7DALIF2 Datasheet HTML 129Page - STMicroelectronics ST7DALIF2 Datasheet HTML 130Page - STMicroelectronics ST7DALIF2 Datasheet HTML 131Page - STMicroelectronics ST7DALIF2 Datasheet HTML 132Page - STMicroelectronics ST7DALIF2 Datasheet HTML 133Page - STMicroelectronics ST7DALIF2 Datasheet HTML 134Page - STMicroelectronics ST7DALIF2 Datasheet HTML 135Page - STMicroelectronics ST7DALIF2 Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 171 page
background image
Electrical characteristics
ST7DALIF2
132/171
The RC oscillator and PLL characteristics are temperature-dependent and are grouped in
four tables.
Table 68.
Operating voltage and startup time
Symbol
Parameter
Min
Typ
Max
Unit
VDD(RC)
Internal RC Oscillator operating voltage
2.4
5.5
V
VDD(x4PLL)
x4 PLL operating voltage
2.4
3.3
VDD(x8PLL)
x8 PLL operating voltage
3.3
5.5
tSTARTUP
PLL Startup time
60
PLL
input
clock
(fPLL)
cycles
Table 69.
RC oscillator and PLL characteristics (tested for TA = -40 to +85° C) @ VDD = 4.5 to
5.5 V
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
1)
Internal RC oscillator
frequency (1)
RCCR = FF (reset value), TA=25° C,
VDD=5 V
760
kHz
RCCR = RCCR0(2), TA=25° C, VDD=5 V
1000
ACCRC
Accuracy of Internal RC
oscillator with
RCCR=RCCR0(2)
TA=25° C, VDD=4.5 to 5.5 V
-1
+1%
TA=-40 to +85° C, VDD=5 V
-5
+2
%
TA=0 to +85° C, VDD=4.5 to 5.5 V
-2(3)
+2(3)
%
IDD(RC)
RC oscillator current
consumption
TA=25° C, VDD=5 V
970(3)
μA
tsu(RC)
RC oscillator setup time
TA=25° C, VDD=5 V
10(2)
μs
fPLL
x8 PLL input clock
1(3)
MHz
tLOCK
PLL Lock time(4)
2ms
tSTAB
PLL Stabilization time(4)
4ms
ACCPLL
x8 PLL Accuracy
fRC = 1 MHz@TA=25° C, VDD=4.5 to 5.5 V
0.1(5)
%
fRC = 1 MHz@TA=-40 to +85° C, VDD=5 V
0.1(5)
%
tw(JIT)
PLL jitter period
fRC = 1 MHz
125(6)
µs
JITPLL
PLL jitter (
Δf
CPU/fCPU)1
(6)
%
IDD(PLL)
PLL current
consumption
TA=25° C
600(3)
μA
1.
If the RC oscillator clock is selected, to improve clock stability and frequency accuracy, it is recommended to place a decoupling capacitor,
typically 100nF, between the VDD and VSS pins as close as possible to the ST7 device.
2.
See Section 9.2: Internal RC oscillator adjustment on page 32
3.
Data based on characterization results, not tested in production
4.
After the LOCKED bit is set ACCPLL is max. 10% until tSTAB has elapsed. See Figure 11 on page 34.
5.
Averaged over a 4ms period. After the LOCKED bit is set, a period of tSTAB is required to reach ACCPLL accuracy.
6.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com