Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 135 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 135 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 131Page - STMicroelectronics ST7DALIF2 Datasheet HTML 132Page - STMicroelectronics ST7DALIF2 Datasheet HTML 133Page - STMicroelectronics ST7DALIF2 Datasheet HTML 134Page - STMicroelectronics ST7DALIF2 Datasheet HTML 135Page - STMicroelectronics ST7DALIF2 Datasheet HTML 136Page - STMicroelectronics ST7DALIF2 Datasheet HTML 137Page - STMicroelectronics ST7DALIF2 Datasheet HTML 138Page - STMicroelectronics ST7DALIF2 Datasheet HTML 139Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 171 page
background image
ST7DALIF2
Electrical characteristics
135/171
TA = -40 to 85°C, unless otherwise specified
20.4
Supply current characteristics
The following current consumption specified for the ST7 functional operating modes over
temperature range does not take into account the clock source current consumption. To get
the total device consumption, the two current values must be added (except for Halt mode
for which the clock is stopped).
Figure 61.
PLLx4 Output vs CLKIN frequency
(fOSC = fCLKIN/2*PLL4)
Figure 62.
PLLx8 Output vs CLKIN frequency
(fOSC = fCLKIN/2*PLL8)
1.00
2.00
3.00
4.00
5.00
6.00
7.00
1
1.5
2
2.5
3
External Input Clock Frequency (MHz)
3.3
3
2.7
1.00
3.00
5.00
7.00
9.00
11.00
0.85
0.9
1
1.5
2
2.5
External Input Clock Frequency (MHz)
5.5
5
4.5
4
Table 71.
32 MHz PLL
Symbol
Parameter
Min
Typ
Max
Unit
VDD
Voltage (1)
1.
32 MHz is guaranteed within this voltage range.
4.5
5
5.5
V
fPLL32
Frequency 1)
32
MHz
fINPUT
Input Frequency
7
8
9
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com