Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 137 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 137 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 133Page - STMicroelectronics ST7DALIF2 Datasheet HTML 134Page - STMicroelectronics ST7DALIF2 Datasheet HTML 135Page - STMicroelectronics ST7DALIF2 Datasheet HTML 136Page - STMicroelectronics ST7DALIF2 Datasheet HTML 137Page - STMicroelectronics ST7DALIF2 Datasheet HTML 138Page - STMicroelectronics ST7DALIF2 Datasheet HTML 139Page - STMicroelectronics ST7DALIF2 Datasheet HTML 140Page - STMicroelectronics ST7DALIF2 Datasheet HTML 141Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 171 page
background image
ST7DALIF2
Electrical characteristics
137/171
Figure 65.
Typical IDD in Wait vs. fCPU
Figure 66.
Typical IDD in Slow-Wait vs. fCPU
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vdd (V)
8Mhz
4Mhz
1MHz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vdd (V)
250KHz
125KHz
62.5Khz
Figure 67.
Typical IDD in AWUFH mode
at TA=25°C
Figure 68.
Typical IDD vs. Temperature
at VDD = 5 V and fCPU = 8 MHz
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vdd(V)
fawu_rc ~125 KHz
2.0
3.0
4.0
5.0
6.0
7.0
8.0
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
Vdd (V)
25°
-45°
90°
130°
Table 73.
On-chip peripherals
Symbol
Parameter
Conditions
Typ
Unit
IDD(AT) 12-bit Auto-Reload Timer supply current
(1)
1.
Data based on a differential IDD measurement between reset configuration (timer stopped) and a timer
running in PWM mode at fcpu=8MHz.
fCPU=4 MHz VDD=3.0 V
300
μA
fCPU=8 MHz VDD=5.0 V
1000
IDD(SPI) SPI supply current
(2)
2.
Data based on a differential IDD measurement between reset configuration and a permanent SPI master
communication (data sent equal to 55h)
fCPU=4 MHz VDD=3.0 V
50
fCPU=8 MHz VDD=5.0 V
300
IDD(ADC) ADC supply current when converting
(3)
3.
Data based on a differential IDD measurement between reset configuration and continuous A/D
conversions with amplifier off.
fADC=4 MHz
VDD=3.0 V
250
VDD=5.0 V
1100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com