Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 136Page - STMicroelectronics ST7DALIF2 Datasheet HTML 137Page - STMicroelectronics ST7DALIF2 Datasheet HTML 138Page - STMicroelectronics ST7DALIF2 Datasheet HTML 139Page - STMicroelectronics ST7DALIF2 Datasheet HTML 140Page - STMicroelectronics ST7DALIF2 Datasheet HTML 141Page - STMicroelectronics ST7DALIF2 Datasheet HTML 142Page - STMicroelectronics ST7DALIF2 Datasheet HTML 143Page - STMicroelectronics ST7DALIF2 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 171 page
background image
Electrical characteristics
ST7DALIF2
140/171
Table 79.
FLASH program memory
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for Flash
write/erase
2.4
5.5
V
tprog
Programming time for 1~32 bytes
(1)
1.
Up to 32 bytes can be programmed at a time.
TA=−40 to +85° C
5
10
ms
Programming time for 1.5 kBytes
TA=+25° C
0.24
0.48
s
tRET
Data retention (2)
2.
Data based on reliability test results and monitored in production.
TA=+55° C
(3)
3.
The data retention time increases when the TA decreases.
20
years
NRW
Write erase cycles
TA=+25° C
10K
(4)
4.
Design target value pending full product characterization.
cycles
IDD
Supply current
Read / Write / Erase
modes
fCPU = 8 MHz, VDD =
5.5 V
2.6(5)
5.
Guaranteed by design. Not tested in production.
mA
No Read/No Write
Mode
100
μA
Power down mode /
Halt
00.1
μA
Table 80.
EEPROM data memory
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Operating voltage for
EEPROM write/erase
2.4
5.5
V
tprog
Programming time for 1~32
bytes
TA=−40 to +85°C
5
10
ms
tret
Data retention (1)
1.
Data based on reliability test results and monitored in production.
TA=+55°C
(2)
2.
The data retention time increases when the TA decreases.
20
years
NRW
Write erase cycles
TA=+25°C
300K
(3)
3.
Design target value pending full product characterization.
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com