Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 124Page - STMicroelectronics ST7DALIF2 Datasheet HTML 125Page - STMicroelectronics ST7DALIF2 Datasheet HTML 126Page - STMicroelectronics ST7DALIF2 Datasheet HTML 127Page - STMicroelectronics ST7DALIF2 Datasheet HTML 128Page - STMicroelectronics ST7DALIF2 Datasheet HTML 129Page - STMicroelectronics ST7DALIF2 Datasheet HTML 130Page - STMicroelectronics ST7DALIF2 Datasheet HTML 131Page - STMicroelectronics ST7DALIF2 Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 171 page
background image
Electrical characteristics
ST7DALIF2
128/171
Figure 54.
Pin input voltage
20.2
Absolute maximum ratings
Stresses above those listed as “absolute maximum ratings” may cause permanent damage
to the device. This is a stress rating only and functional operation of the device under these
conditions is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
VIN
ST7 PIN
Table 62.
Voltage characteristics
Symbol
Ratings
Maximum value
Unit
VDD - VSS
Supply voltage(1)
1.
All power (VDD) and ground (VSS) lines must always be connected to the external supply.
7.0
V
VIN
Input voltage on any pin (2)
2.
Directly connecting the I/O pins to VDD or VSS could damage the device if an unexpected change of the I/O
configuration occurs (for example, due to a corrupted program counter). To guarantee safe operation, this
connection has to be done through a pull-up or pull-down resistor (typical: 10kW for I/Os). Unused I/O pins
must be tied in the same way to VDD or VSS according to their reset configuration.
V
SS-0.3 to VDD+0.3
VESD(HBM)
Electrostatic discharge voltage (Human
Body Model)
see Section 20.7.3 on
page 142
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com