Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 145 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 145 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 141Page - STMicroelectronics ST7DALIF2 Datasheet HTML 142Page - STMicroelectronics ST7DALIF2 Datasheet HTML 143Page - STMicroelectronics ST7DALIF2 Datasheet HTML 144Page - STMicroelectronics ST7DALIF2 Datasheet HTML 145Page - STMicroelectronics ST7DALIF2 Datasheet HTML 146Page - STMicroelectronics ST7DALIF2 Datasheet HTML 147Page - STMicroelectronics ST7DALIF2 Datasheet HTML 148Page - STMicroelectronics ST7DALIF2 Datasheet HTML 149Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 171 page
background image
ST7DALIF2
Electrical characteristics
145/171
Table 86.
Output driving current
Symbol
Parameter
Conditions(1)
Min
Max
Unit
VOL
(2)
Output low level voltage for a standard
I/O pin when 8 pins are sunk at same
time
(see Figure 75)
IIO=+5 mA TA≤85° C
TA≥85° C
1.0
1.2
V
IIO=+2 mA TA≤85° C
TA≥85° C
0.4
0.5
Output low level voltage for a high sink
I/O pin when 4 pins are sunk at same
time
(see Figure 77)
IIO=+20 mA,TA≤85° C
TA≥85° C
1.3
1.5
IIO=+8 mA TA≤85° C
TA≥85° C
0.75
0.85
VOH
(3)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 83)
IIO=-5 mA, TA≤85° C
TA≥85° C
VDD-1.5
VDD-1.6
IIO=-2 mA TA≤85° C
TA≥85° C
VDD-0.8
VDD-1.0
VOL
(2)(4)
Output low level voltage for a standard
I/O pin when 8 pins are sunk at same
time (see Figure 74)
IIO=+2 mA TA≤85° C
TA≥85° C
0.5
0.6
Output low level voltage for a high sink
I/O pin when 4 pins are sunk at same
time
IIO=+8 mA TA≤85° C
TA≥85° C
0.5
0.6
VOH
(3)(4)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
IIO=-2mA TA≤85°C
TA≥85°C
VDD-0.8
VDD-1.0
VOL
(2)(4)
Output low level voltage for a standard
I/O pin when 8 pins are sunk at same
time
(see Figure 73)
IIO=+2 mA TA≤85° C
TA≥85° C
0.6
0.7
Output low level voltage for a high sink
I/O pin when 4 pins are sunk at same
time
IIO=+8 mA TA≤85° C
TA≥85° C
0.6
0.7
VOH
(3)(4)
Output high level voltage for an I/O pin
when 4 pins are sourced at same time
(see Figure 80)
IIO=-2 mA TA≤85° C
TA≥85° C
VDD-0.9
VDD-1.0
1.
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
2.
The IIO current sunk must always respect the absolute maximum rating specified in Section 20.2 and the sum of IIO (I/O
ports and control pins) must not exceed IVSS.
3.
The IIO current sourced must always respect the absolute maximum rating specified in Section 20.2 and the sum of IIO (I/O
ports and control pins) must not exceed IVDD.
4.
Not tested in production, based on characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com