Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7DALIF2 Datasheet(PDF) 156 Page - STMicroelectronics

Part # ST7DALIF2
Description  Configurable watchdog timer
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7DALIF2 Datasheet(HTML) 156 Page - STMicroelectronics

Back Button ST7DALIF2 Datasheet HTML 152Page - STMicroelectronics ST7DALIF2 Datasheet HTML 153Page - STMicroelectronics ST7DALIF2 Datasheet HTML 154Page - STMicroelectronics ST7DALIF2 Datasheet HTML 155Page - STMicroelectronics ST7DALIF2 Datasheet HTML 156Page - STMicroelectronics ST7DALIF2 Datasheet HTML 157Page - STMicroelectronics ST7DALIF2 Datasheet HTML 158Page - STMicroelectronics ST7DALIF2 Datasheet HTML 159Page - STMicroelectronics ST7DALIF2 Datasheet HTML 160Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 171 page
background image
Electrical characteristics
ST7DALIF2
156/171
Figure 94.
ADC accuracy characteristics with amplifier enabled
Note:
When the AMPSEL bit in the ADCDRL register is set, it is mandatory that fADC be less than
or equal to 2 MHz. (if fCPU=8 MHz. then SPEED=0, SLOW=1).
Figure 95.
Amplifier output voltage vs. input voltage
EO
EG
1LSBIDEAL
Vin (LSBIDEAL)
Digital Result ADCDR
704
108
0
1
2345
67
701 702 703 704
(1)
(2)
ET
ED
EL
(3)
VSS
430mV
62.5mV
Vin (OPAMP)
Vin
Vout (ADC input)
Vmax
Vmin
0V
430 mV
0V
Noise
(OPAMP input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com