Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 101 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Delfino??Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 101 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 97Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 98Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 99Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 100Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 101Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 102Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 103Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 104Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 222 page
background image
VREFHI
VREFLO
(VSSA)
VREFHI/2
Pin Voltages
ADCINxP
ADCINxN
ADC
ADCINxN
ADCINxP
VREFLO
VREFHI
VREFHI
VREFLO
(VSSA)
Input Common Mode
VREFHI/2 ± 50mV
Vin Common Mode
+VREFHI
-VREFHI
0
Effective Input Voltage
ADC Vin
2
n - 1
0
Digital Output
ADC Vin
101
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
www.ti.com
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Specifications
Copyright © 2013–2018, Texas Instruments Incorporated
5.10.1.1.1 Signal Mode
The ADC supports two signal modes: single-ended and differential. In single-ended mode, the input
voltage to the converter is sampled through a single pin (ADCINx), referenced to VREFLO. In differential
signaling mode, the input voltage to the converter is sampled through a pair of input pins, one of which is
the positive input (ADCINxP) and the other is the negative input (ADCINxN). The actual input voltage is
the difference between the two (ADCINxP – ADCINxN). Figure 5-31 shows the differential signaling mode.
Figure 5-32 shows the single-ended signaling mode.
Figure 5-31. Differential Signaling Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com