Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 103 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Delfino??Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 103 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 99Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 100Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 101Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 102Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 103Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 104Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 105Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 106Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 222 page
background image
103
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
www.ti.com
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Specifications
Copyright © 2013–2018, Texas Instruments Incorporated
(1)
Typical values are measured with VREFHI = 2.5 V and VREFLO = 0 V. Minimum and Maximum values are tested or characterized with
VREFHI = 2.5 V and VREFLO = 0 V.
(2)
See Section 5.10.1.2.2.
(3)
Difference from conversion result 32768 when ADCINp = ADCINn = VREFCM.
(4)
No missing codes.
(5)
AC parameters will be impacted by clock source accuracy and jitter, this should be taken into account when selecting the clock source
for the system. The clock source used for these parameters was a high-accuracy external clock fed through the PLL. The on-chip
Internal Oscillator has higher jitter than an external crystal and these parameters will degrade if it is used as a clock source.
(6)
I/O activity is minimized on pins adjacent to ADC input and VREFHI pins as part of best practices to reduce capacitive coupling and
crosstalk.
(7)
One ADC operating while all other ADCs are idle.
(8)
All ADCs operating with identical ADCCLK, S+H durations, triggers, and resolution.
(9)
Any ADCs operating with heterogeneous ADCCLK, S+H durations, triggers, or resolution.
(10) Maximum DC code deviation due to operation of multiple ADCs simultaneously.
(11) Value based on characterization.
Table 5-43. ADC Characteristics (16-Bit Differential Mode)
over recommended operating conditions (unless otherwise noted)
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC conversion cycles(2)
29.6
31
ADCCLKs
Power-up time (after setting
ADCPWDNZ to first conversion)
500
µs
Gain error
–64
±9
64
LSBs
Offset error(3)
–16
±9
16
LSBs
Channel-to-channel gain error
±6
LSBs
Channel-to-channel offset error
±3
LSBs
ADC-to-ADC gain error
Identical VREFHI and VREFLO for all ADCs
±6
LSBs
ADC-to-ADC offset error
Identical VREFHI and VREFLO for all ADCs
±3
LSBs
DNL(4)
> –1
±0.5
1
LSBs
INL
–3
±1.5
3
LSBs
SNR(5)(6)
VREFHI = 2.5 V, fin = 10 kHz
87.6
dB
THD(5)(6)
VREFHI = 2.5 V, fin = 10 kHz
–93.5
dB
SFDR(5)(6)
VREFHI = 2.5 V, fin = 10 kHz
95.4
dB
SINAD(5)(6)
VREFHI = 2.5 V, fin = 10 kHz
86.6
dB
ENOB(5)(6)
VREFHI = 2.5 V, fin = 10 kHz,
single ADC(7)
14.1
bits
VREFHI = 2.5 V, fin = 10 kHz,
synchronous ADCs(8)
14.1
VREFHI = 2.5 V, fin = 10 kHz,
asynchronous ADCs(9)
Not
supported
PSRR
VDDA = 3.3-V DC + 200 mV
DC up to Sine at 1 kHz
77
dB
PSRR
VDDA = 3.3-V DC + 200 mV
Sine at 800 kHz
74
dB
CMRR
DC to 1 MHz
60
dB
VREFHI input current
190
µA
ADC-to-ADC isolation(6)(10)(11)
VREFHI = 2.5 V, synchronous ADCs
(8)
–2
2
LSBs
VREFHI = 2.5 V, asynchronous ADCs
(9)
Not
supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com