Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 106 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Delfino??Microcontrollers
PDF  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 106 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 102Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 103Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 104Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 105Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 106Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 107Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 108Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 109Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 222 page
background image
ADC
Ron
Switch
VREFLO
Ch
Cp
ADCINx
AC
Rs
ADC
Ron
Switch
ADCINxN
Ch
Cp
ADCINxP
AC
Rs
Ron
Switch
Rs
Cp
VSSA
106
TMS320F28379D, TMS320F28378D, TMS320F28377D
TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880K – DECEMBER 2013 – REVISED NOVEMBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320F28379D TMS320F28378D TMS320F28377D TMS320F28376D TMS320F28375D
TMS320F28374D
Specifications
Copyright © 2013–2018, Texas Instruments Incorporated
(1)
For an explanation of the input qualifier parameters, see Table 5-24.
Table 5-46. ADCEXTSOC Timing Requirements(1)
MIN
MAX
UNIT
tw(INT)
Pulse duration, INT input low/high
Synchronous
2tc(SYSCLK)
cycles
With qualifier
tw(IQSW) + tw(SP) + 1tc(SYSCLK)
cycles
5.10.1.2.1 ADC Input Models
NOTE
ADC channels ADCINA0, ADCINA1, and ADCINB1 have a 50-kΩ pulldown resistor to VSSA.
For differential operation, the ADC input characteristics are given by Table 5-47 and Figure 5-33.
Table 5-47. Differential Input Model Parameters
DESCRIPTION
VALUE (16-BIT MODE)
Cp
Parasitic input capacitance
See Table 5-49
Ron
Sampling switch resistance
700
Ω
Ch
Sampling capacitor
16.5 pF
Rs
Nominal source impedance
50
Ω
Figure 5-33. Differential Input Model
For single-ended operation, the ADC input characteristics are given by Table 5-48 and Figure 5-34.
Table 5-48. Single-Ended Input Model Parameters
DESCRIPTION
VALUE (12-BIT MODE)
Cp
Parasitic input capacitance
See Table 5-49
Ron
Sampling switch resistance
425
Ω
Ch
Sampling capacitor
14.5 pF
Rs
Nominal source impedance
50
Ω
Figure 5-34. Single-Ended Input Model



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com