Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC33EP128GS708 Datasheet(PDF) 304 Page - Microchip Technology

Part # DSPIC33EP128GS708
Description  16-Bit Digital Signal Controllers for Digital Power Applications with Interconnected High-Speed PWM, ADC, PGA and Comparators
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33EP128GS708 Datasheet(HTML) 304 Page - Microchip Technology

Back Button DSPIC33EP128GS708 Datasheet HTML 300Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 301Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 302Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 303Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 304Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 305Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 306Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 307Page - Microchip Technology DSPIC33EP128GS708 Datasheet HTML 308Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 484 page
background image
dsPIC33EPXXXGS70X/80X FAMILY
DS70005258C-page 304
 2016-2018 Microchip Technology Inc.
REGISTER 22-29: ADCAL0H: ADC CALIBRATION REGISTER 0 HIGH
HSC/R-0
U-0
U-0
U-0
r-0
R/W-0
R/W-0
R/W-0
CAL3RDY
—
—
—
—
CAL3DIFF
CAL3EN
CAL3RUN
bit 15
bit 8
HSC/R-0
U-0
U-0
U-0
r-0
R/W-0
R/W-0
R/W-0
CAL2RDY
—
—
—
—
CAL2DIFF
CAL2EN
CAL2RUN
bit 7
bit 0
Legend:
r = Reserved bit
U = Unimplemented bit, read as ‘0’
R = Readable bit
W = Writable bit
HSC = Hardware Settable/Clearable bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CAL3RDY: Dedicated ADC Core 3 Calibration Status Flag bit
1 = Dedicated ADC Core 3 calibration is finished
0 = Dedicated ADC Core 3 calibration is in progress
bit 14-12
Unimplemented: Read as ‘0’
bit 11
Reserved: Maintain as ‘0’
bit 10
CAL3DIFF: Dedicated ADC Core 3 Differential-Mode Calibration bit
1 = Dedicated ADC Core 3 will be calibrated in Differential Input mode
0 = Dedicated ADC Core 3 will be calibrated in Single-Ended Input mode
bit 9
CAL3EN: Dedicated ADC Core 3 Calibration Enable bit
1 = Dedicated ADC Core 3 calibration bits (CALxRDY, CALxDIFF and CALxRUN) can be accessed by
software
0 = Dedicated ADC Core 3 calibration bits are disabled
bit 8
CAL3RUN: Dedicated ADC Core 3 Calibration Start bit
1 = If this bit is set by software, the dedicated ADC Core 3 calibration cycle is started; this bit is
automatically cleared by hardware
0 = Software can start the next calibration cycle
bit 7
CAL2RDY: Dedicated ADC Core 2 Calibration Status Flag bit
1 = Dedicated ADC Core 2 calibration is finished
0 = Dedicated ADC Core 2 calibration is in progress
bit 6-4
Unimplemented: Read as ‘0’
bit 3
Reserved: Maintain as ‘0’
bit 2
CAL2DIFF: Dedicated ADC Core 2 Differential-Mode Calibration bit
1 = Dedicated ADC Core 2 will be calibrated in Differential Input mode
0 = Dedicated ADC Core 2 will be calibrated in Single-Ended Input mode
bit 1
CAL2EN: Dedicated ADC Core 2 Calibration Enable bit
1 = Dedicated ADC Core 2 calibration bits (CALxRDY, CALxDIFF and CALxRUN) can be accessed by
software
0 = Dedicated ADC Core 2 calibration bits are disabled
bit 0
CAL2RUN: Dedicated ADC Core 2 Calibration Start bit
1 = If this bit is set by software, the dedicated ADC Core 2 calibration cycle is started; this bit is
automatically cleared by hardware
0 = Software can start the next calibration cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com