Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S75WS256NDFBAWMB Datasheet(PDF) 134 Page - SPANSION

Part # S75WS256NDFBAWMB
Description  Stacked Multi-Chip Product (MCP)
PDF  216 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75WS256NDFBAWMB Datasheet(HTML) 134 Page - SPANSION

Back Button S75WS256NDFBAWMB Datasheet HTML 130Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 131Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 132Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 133Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 134Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 135Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 136Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 137Page - SPANSION S75WS256NDFBAWMB Datasheet HTML 138Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 216 page
background image
132
S75WS256Nxx Based MCPs
S75WS-N-00_00_A0 February 17, 2005
Data
Sheet
Notes:
1. Figure assumes eleven wait states for initial access and synchronous read.
2. The Set Configuration Register command sequence has been written with A18=0; device will output RDY one cycle
before valid data.
Figure 25.6 Burst with RDY Set One Cycle Before Data
25.4 Asynchronous Mode Read @ VIO = 1.8 V
Notes:
1. Asynchronous Access Time is from the last of either stable addresses or the falling edge of AVD#.
2. Not 100% tested.
Parameter
Description
80 MHz
66 MHz
54 MHz
Unit
JEDEC
Standard
tCE
Access Time from CE# Low
Max
148
ns
tACC
Asynchronous Access Time (Note 1)
Max
143
ns
tAVDP
AVD# Low Time
Min
8
8
10
ns
tAAVDS
Address Setup Time to Rising Edge of AVD#
Min
4
4
5
ns
tAAVDH
Address Hold Time from Rising Edge of AVD#
Min
2
2
3
ns
tOE
Output Enable to Output Valid
Max
9.1
11.2
13.5
ns
tOEH
Output Enable Hold Time
Read
Min
0
0
0
ns
Data# Polling
Min
10
10
10
ns
tOEZ
Output Enable to High Z (Note 2)
Max
10
10
10
ns
tCAS
CE# Setup Time to AVD#
Min
0
0
0
ns
Da+1
Da
Da+2
Da+3
Da + n
OE#
Data
Addresses
Aa
AVD#
RDY
CLK
CE#
tCES
tACS
tAVC
tAVD
tACH
tOE
tRACC
tOEZ
tCEZ
tIACC
tBDH
12 wait cycles for initial access shown.
Hi-Z
Hi-Z
Hi-Z
1
2
3
4
10
11
tRDYS
tBACC
tCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com