| Electronic Components Datasheet Search |
|
S75WS256NDFBAWMB Datasheet(PDF) 214 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB Datasheet(HTML) 214 Page - SPANSION |
|
214 / 216 page ![]() 212 S75WS256Nxx Based MCPs S75WS-N-00_A0 February 17, 2005 Ad van c e Inf o rmation 35 How Extended Timings Impact CellularRAM™ Operation 35.1 Introduction This section describes CellularRAM™ timing requirements in systems that perform extended operations. CellularRAM products use a DRAM technology that periodically requires refresh to ensure against data corruption. CellularRAM devices include on-chip circuitry that performs the required refresh in a manner that is completely transparent in systems with normal bus timings. The refresh cir- cuitry imposes constraints on timings in systems that take longer than 4µs to complete an operation. Write operations are affected if the device is configured for asynchronous operation. Both Read and Write operations are affected if the device is configured for page or burst-mode operation. 35.2 Asynchronous Write Operation The timing parameters provided in Figure 34.4 require that all Write operations must be com- pleted within 4µs. After completing a Write operation, the device must either enter standby (by transitioning CE# High), or else perform a second operation (Read or Write) using a new address. Figure 35.1 and Figure 35.2 demonstrate these constraints as they apply during an asynchronous (page-mode-disabled) operation. Either the CE# active period (tCEM in Figure 35.1) or the ad- dress valid period (tTM in Figure 35.2) must be less than 4µs during any Write operation, otherwise, the extended Write timings must be used. Figure 35.1 Extended Timing for tCEM Figure 35.2 Extended Timing for tTM Table 35.1 Extended Cycle Impact on Read and Write Cycles Page Mode Timing Constraint Read Cycle Write Cycle Asynchronous Page Mode Disabled tCEM and tTM > 4µs (See Figure 35.1 and Figure 35.2.) No impact. Must use extended Write timing. (See Figure 35.2) Asynchronous Page Mode Enabled tCEM > 4µs (See Figure 35.1.) All following intrapage Read access times are tAA (not tAPA). Must use extended Write timing. (See Figure 35.3) Burst tCEM > 4µs (See Figure 35.1.) Burst must cross a row boundary within 4µs. CE# ADDRESS tCEM 4 μs < CE# ADDRESS TM< t 4μs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |