| Electronic Components Datasheet Search |
|
S75WS256NDFBAWMB Datasheet(PDF) 215 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S75WS256NDFBAWMB Datasheet(HTML) 215 Page - SPANSION |
|
215 / 216 page ![]() February 17, 2005 S75WS-N-00_A0 S75WS256Nxx Based MCPs 213 Advance Information 35.2.1 Extended Write Timing— Asynchronous Write Operation Modified timings are required during extended Write operations (see Figure 35.3). An extended Write operation requires that both the Write pulse width (tWP) and the data valid period (tDW) be lengthened to at least the minimum Write cycle time (tWC [MIN]). These increased timings ensure that time is available for both a refresh operation and a successful completion of the Write operation. 35.3 Page Mode Read Operation When a CellularRAM device is configured for page mode operation, the address inputs are used to accelerate Read accesses and cannot be used by the on-chip circuitry to schedule refresh. If CE# is Low longer than the tCEM maximum time of 4µs during a Read operation, the system must allow tAA (not tAPA, as would otherwise be expected) for all subsequent intrapage accesses until CE# goes High. 35.4 Burst-Mode Operation When configured for burst-mode operation, it is necessary to allow the device to perform a refresh within any 4µs window. One of two conditions will enable the device to schedule a refresh within 4µs. The first condition is when all burst operations complete within 4µs. A burst completes when the CE# signal is registered High on a rising clock edge. The second condition that allows a refresh is when a burst access crosses a row boundary. The row-boundary crossing causes Wait to be asserted while the next row is accessed and enables the scheduling of refresh. 35.5 Summary CellularRAM products are designed to ensure that any possible asynchronous timings do not cause data corruption due to lack of refresh. Slow bus timings on asynchronous Write operations require that tWP and tDW be lengthened. Slow bus timings during asynchronous page Read oper- ations cause the next intrapage Read data to be delayed to tAA. Burst mode timings must allow the device to perform a refresh within any 4µs period. A burst operation must either complete (CE# registered High) or cross a row boundary within 4µs to en- sure successful refresh scheduling. These timing requirements are likely to have little or no impact when interfacing a CellularRAM device with a low-speed memory bus. Figure 35.3 Extended Write Operation tCEM or tTM > 4μs tWP > tWC (MIN) tDW > tWC (MIN) ADDRESS CE# LB#/UB# WE# DATA-IN |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |