| Electronic Components Datasheet Search |
|
AVR16EB32 Datasheet(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AVR16EB32 Datasheet(HTML) 18 Page - Microchip Technology |
|
18 / 46 page ![]() AVR16EB32 Curiosity Nano On-Board Debugger User Guide © 2024 Microchip Technology Inc. and its subsidiaries DS50003605B - 18 Info: The on-board debugger dynamically updates STATUS.TXT. The contents may not reflect the correct status as the OS may cache it. 3.5.2 Limitations of Drag-and-Drop Programming Lock Bits Lock bits included in the hex file will be ignored when using drag-and-drop programming. To program lock bits, use MPLAB® X IDE. Enabling CRC Check in Fuses It is not advisable to enable the CRC check fuses in the target device when using drag-and-drop programming because a subsequent chip erase (which does not affect fuse bits) will cause a CRC mismatch, and the application will fail to boot. A chip erase must be done using MPLAB® X IDE, which automatically clears the CRC fuses after erasing to recover a target from this state. 3.5.3 Special Commands Several utility commands are supported by copying text files to the mass storage disk. The filename or extension is irrelevant – the command handler reacts to content only. Table 3-3. Special File Commands Command Content Description CMD:ERASE Executes a chip erase of the target CMD:SEND_UART= Sends a string of characters to the CDC UART. See “CDC Override Mode.” CMD:SEND_9600= CMD:SEND_115200= CMD:SEND_460800= Sends a string of characters to the CDC UART at the specified baud rate. Note that only the baud rates explicitly specified here are supported. See “CDC Override Mode.” (Debugger firmware v1.25.6 or newer.) CMD:RESET Resets the target device by entering Programming mode and exiting Programming mode immediately afterward. The exact timing can vary according to the programming interface of the target device. (Debugger firmware v1.25.6 or newer.) Info: The content sent to the mass storage emulated disk triggers the commands listed here and provides no feedback in the case of either success or failure. 3.6 Data Gateway Interface (DGI) Data Gateway Interface (DGI) is a USB interface transporting raw and timestamped data between on-board debuggers and host computer-based visualization tools. MPLAB Data Visualizer is used on the host computer to display any debug GPIO data. It is available as a plug-in for MPLAB X IDE or a stand-alone application that can be used in parallel withMPLAB® X IDE. Although DGI encompasses several physical data interfaces, the AVR16EB32 Curiosity Nano implementation includes logic analyzer channels: • Two debug GPIO channels (also known as DGI GPIO) 3.6.1 Debug GPIO Debug GPIO channels are timestamped digital signal lines connecting the target application to a host computer visualization application. They are typically used to plot low-frequency events on a time axis, such as when given Application state transitions occur. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |