Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 40 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 40 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 36Page - Microchip Technology AVR16EB32 Datasheet HTML 37Page - Microchip Technology AVR16EB32 Datasheet HTML 38Page - Microchip Technology AVR16EB32 Datasheet HTML 39Page - Microchip Technology AVR16EB32 Datasheet HTML 40Page - Microchip Technology AVR16EB32 Datasheet HTML 41Page - Microchip Technology AVR16EB32 Datasheet HTML 42Page - Microchip Technology AVR16EB32 Datasheet HTML 43Page - Microchip Technology AVR16EB32 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
AVR16EB32 Curiosity Nano
Appendix
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 40
Figure 6-9. Connecting the Atmel-ICE to AVR16EB32 Curiosity Nano
VDD
Ground
DATA
AVR®
SAM
3 = UPDI
4 = VTG
5 = Unused
6 = Unused
7 = Unused
8 = Unused
1 = Unused
2 = GND
9 = Unused
10 = Unused
Atmel-ICE
2
1
9
10
USB
DEBUGGER
PS LED
NC
ID
CDC RX
CDC TX
DBG1
DBG2
VBUS
VOFF
DBG3
DBG0
GND
VTG
CURIOSITY NANO
To avoid contention between the external debugger and the on-board debugger,
do not start any programming/debug operation with the on-board debugger
through MPLAB® X IDE or mass storage programming while the external tool is
active.
6.6
Disconnecting the On-Board Debugger
The on-board debugger and level shifters can be disconnected from the AVR16EB32.
The power supply block diagram (Figure 4-5) shows all connections between the debugger and the
AVR16EB32. The signal names are also printed in silkscreen on the top or bottom side of the board.
To disconnect the debugger, cut the GPIO straps shown in Cut Straps.
Attention: Cutting the GPIO straps to the on-board debugger will disable the
virtual serial port, programming, debugging, and data streaming. Cutting the
power supply strap will disconnect the on-board power supply.
Tip: Reconnect any cut connection by using solder. Alternatively, mount a 0Ω
0402 resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com