Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 13 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 13 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 9Page - Microchip Technology AVR16EB32 Datasheet HTML 10Page - Microchip Technology AVR16EB32 Datasheet HTML 11Page - Microchip Technology AVR16EB32 Datasheet HTML 12Page - Microchip Technology AVR16EB32 Datasheet HTML 13Page - Microchip Technology AVR16EB32 Datasheet HTML 14Page - Microchip Technology AVR16EB32 Datasheet HTML 15Page - Microchip Technology AVR16EB32 Datasheet HTML 16Page - Microchip Technology AVR16EB32 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
AVR16EB32 Curiosity Nano
On-Board Debugger
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 13
...........continued
Debugger Pin
AVR16EB32 Pin
Description
DBG2
PF6
SW0/GPIO0
Debug GPIO0/SW0
DBG3
PF6
MCLR
Reset line
ID
—
—
ID line for extensions
NC
—
—
No connect
VBUS
—
—
VBUS voltage for external use
VOFF
—
—
Voltage Off input. Disables the target regulator
and target voltage when pulled low.
VTG
—
—
Target voltage
GND
—
—
Common ground
Figure 3-1. Curiosity Nano Debugger Pinout
USB
DEBUGGER
PS LED
NC
ID
CDC RX
CDC TX
DBG1
DBG2
VBUS
VOFF
DBG3
DBG0
GND
VTG
CURIOSITY NANO
Tip: For the complete AVR16EB32 Curiosity Nano pinout, see the AVR16EB32
Curiosity Nano Pinout.
3.3
Debugger USB Enumeration
The on-board debugger on the AVR16EB32 Curiosity Nano board appears as a Human Interface
Device (HID) on the host computer’s USB subsystem. The debugger supports full-featured
programming and debugging of the AVR16EB32 using MPLAB X IDE and some third-party IDEs.
Remember: Keep the debugger’s firmware up-to-date. Firmware upgrades
automatically when using MPLAB X IDE.
3.4
Virtual Serial Port (CDC)
The virtual serial port (CDC) is a general purpose serial bridge between a host PC and a target
device.
3.4.1
Overview
The on-board debugger implements a composite USB device with a standard Communications
Device Class (CDC) interface, which appears on the host as a virtual serial port. Use the CDC to
stream arbitrary data between the host computer and the target in both directions: All characters
sent through the virtual serial port on the host computer will be transmitted as UART on the
debugger’s CDC TX pin. The UART characters captured on the debugger’s CDC RX pin will be
returned to the host computer through the virtual serial port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com