Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 4 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 4 Page - Microchip Technology

  AVR16EB32 Datasheet HTML 1Page - Microchip Technology AVR16EB32 Datasheet HTML 2Page - Microchip Technology AVR16EB32 Datasheet HTML 3Page - Microchip Technology AVR16EB32 Datasheet HTML 4Page - Microchip Technology AVR16EB32 Datasheet HTML 5Page - Microchip Technology AVR16EB32 Datasheet HTML 6Page - Microchip Technology AVR16EB32 Datasheet HTML 7Page - Microchip Technology AVR16EB32 Datasheet HTML 8Page - Microchip Technology AVR16EB32 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
AVR16EB32 Curiosity Nano
Features and Pinout
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 4
1.
Features and Pinout
Features of MCU and Curiosity Nano, Board Layout Picture, Board Block Diagram, Pinout Diagram
1.1
AVR16EB32 Key Features
The AVR® EB family integrates real-time control and drive functionality into the AVR’s functionality.
Featuring the latest Core Independent Peripherals (CIPs), these microcontrollers (MCUs) excel as
stand-alone processors that will be valuable additions to any modern embedded design.
• Up to 32 KB in-system-programmable Flash memory with a true read-while-write operation
• Programming and Debug Interface Disable (PDID) Security Functionality
• One 16-bit Timer/Counter type E (TCE) with four compare channels for PWM generation and
Waveform Extension (WEX)
• One 24-bit Timer/Counter type F (TCF) for frequency generation
• One 16-bit Real-Time Counter (RTC) that can run from an external crystal or internal oscillator
• One 12-bit, 300 ksps, differential Analog-to-Digital Converter (ADC) with a programmable gain
amplifier (PGA)
• Two Analog Comparators (ACs) with window compare functions
• Configurable Custom Logic (CCL) with up to four programmable Look-up Tables (LUTs)
• Event System for CPU-independent and predictable inter-peripheral signaling
• Configurable, internally generated reference voltage
1.2
Board Features
• AVR16EB32 Microcontroller
• USB Type-C® Connector
• One Yellow User LED
• One Mechanical User Switch
• One green power and status LED
• Footprint for 32.768 kHz Crystal
• On-Board Debugger support in Microchip MPLAB® X IDE and Microchip Studio:
– Board identification
– Virtual serial port (CDC)
– Programming and debugging
– Two debug GPIO channels (DGI GPIO)
• USB Powered
• Adjustable Target Voltage:
– MIC5353 LDO regulator controlled by the on-board debugger
– 1.8–5.1V output voltage (limited by USB input voltage)
– 500 mA maximum output current (limited by ambient temperature and output voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com