Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 27 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 27 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 23Page - Microchip Technology AVR16EB32 Datasheet HTML 24Page - Microchip Technology AVR16EB32 Datasheet HTML 25Page - Microchip Technology AVR16EB32 Datasheet HTML 26Page - Microchip Technology AVR16EB32 Datasheet HTML 27Page - Microchip Technology AVR16EB32 Datasheet HTML 28Page - Microchip Technology AVR16EB32 Datasheet HTML 29Page - Microchip Technology AVR16EB32 Datasheet HTML 30Page - Microchip Technology AVR16EB32 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
AVR16EB32 Curiosity Nano
Hardware Implementation
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 27
No, or Very Low Target Voltage and PS LED is Blinking Rapidly
A full or partial short circuit can cause this and is a particular case of the issue above. Remove it, and
the on-board debugger will re-enable the on-board target voltage regulator.
No Target Voltage and PS LED is Lit 1
This situation occurs if the target voltage is set to 0.0V. Set the target voltage to a value within the
specified voltage range for the target device to fix this.
No Target Voltage and PS LED is Lit 2
This situation can be the issue when cutting power jumper J200 and/or J201 and setting the target
voltage regulator to a value within the specified voltage range for the target device. To fix this, solder
a wire/bridge between the pads for J200/J201 or add a jumper on J201 if a pin-header is mounted.
VBUS Output Voltage is Low or Not Present
If the VBUS output voltage is low or missing, the reason is probably a high-current drain on VBUS,
and the current limit set by U202 (MIC2008) is tripped and has cut off VBUS completely. Reduce the
current consumption on the VBUS pin to fix this issue.
4.4.5
Low-Power Measurement
Power to the AVR16EB32 comes from the on-board power supply and
VTG pin through a 100 mil
pin-header marked with “POWER” in silkscreen (J201). To measure the power consumption of the
AVR16EB32 and other peripherals connected to the board, cut the
Target Power strap (J201) on the
bottom side and connect an ammeter across it.
Tip: A 100-mil pin-header can be soldered into the
Target Power strap (J201)
footprint for a simple connection of an ammeter. Place a jumper cap on the
pin-header once the ammeter is no longer needed.
To measure the lowest possible power consumption, follow these steps:
1. Cut the POWER strap with a sharp tool.
2. Solder a 1x2 100 mil pin-header in the footprint.
3. Connect an ammeter to the pin header.
4. Write firmware that:
a. Tri-states any I/O connected to the on-board debugger.
b. Sets the microcontroller in its lowest Power sleep mode.
5. Program the firmware into the AVR16EB32.
Info: The on-board level shifters will draw a small amount of current even when
unused. Each level shifter has a maximum of 2 μA leakage current. Therefore, the
worst-case maximum current draw for the five on-board level shifters is 10 μA.
Prevent leakage current through an I/O pin connected to a level shifter by keeping
the I/O pin tri-stated. All I/Os connected to the on-board debugger are listed in
On-Board Debugger Connections. The on-board level shifters can be completely
disconnected, preventing leakage, as described in Disconnecting the On-Board
Debugger.
4.4.6
VBUS Output Pin
AVR16EB32 Curiosity Nano has a VBUS output pin that can be used to power external components
that need a 5V supply. The VBUS output pin is protected by the same start-up delay with a slew
rate and current limiter as the rest of the power supply. A side effect is a voltage drop on the VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com