Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 12 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 12 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 8Page - Microchip Technology AVR16EB32 Datasheet HTML 9Page - Microchip Technology AVR16EB32 Datasheet HTML 10Page - Microchip Technology AVR16EB32 Datasheet HTML 11Page - Microchip Technology AVR16EB32 Datasheet HTML 12Page - Microchip Technology AVR16EB32 Datasheet HTML 13Page - Microchip Technology AVR16EB32 Datasheet HTML 14Page - Microchip Technology AVR16EB32 Datasheet HTML 15Page - Microchip Technology AVR16EB32 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 46 page
background image
AVR16EB32 Curiosity Nano
On-Board Debugger
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 12
3.
On-Board Debugger
Features and interfaces of the on-board debugger for programming and debugging.
3.1
On-Board Debugger Overview
AVR16EB32 Curiosity Nano contains an on-board debugger for programming and debugging. The
on-board debugger is a composite USB device consisting of several interfaces:
• A debugger that can program and debug the AVR16EB32 in MPLAB® X IDE
• A virtual serial port (CDC) that is connected to a Universal Asynchronous Receiver/Transmitter
(UART) on the AVR16EB32 and provides an easy way to communicate with the target application
through terminal software
• A mass storage device that allows drag-and-drop programming of the AVR16EB32
• A Data Gateway Interface (DGI) for code instrumentation with logic analyzer channels (debug
GPIO) to visualize program flow
The on-board debugger controls a Power and Status LED (marked PS) on the AVR16EB32 Curiosity
Nano board. The table below shows how the different operation modes control the LED.
Table 3-1. On-Board Debugger LED Control
Operation Mode
Power and Status LED
Boot Loader mode
The LED blinks slowly during power-up
Power-up
The LED is ON
Normal operation
The LED is ON
Programming
Activity indicator: The LED blinks slowly during programming/debugging
Drag-and-drop programming
Success:
The LED blinks slowly for 2 sec.
Failure:
The LED blinks rapidly for 2 sec.
Fault
The LED blinks rapidly if a power fault is detected
Off
The on-board debugger is powered down, the LED is OFF
Info: Slow blinking is approximately 1 Hz, and rapid blinking is about 5 Hz.
3.2
On-Board Debugger Connections
The table below shows the connections between the target and the debugger section. All the
connections between the target and the debugger are tri-stated when the debugger is not using the
interface. Hence, there are few contaminations of the signals, e.g., the pins can be configured to
anything the user wants.
Info: The 12-edge connections closest to the USB connector on Curiosity Nano
boards have a standardized pinout. The program/debug pins have different
functions depending on the target programming interface.
Table 3-2. On-Board Debugger Connections
Debugger Pin
AVR16EB32 Pin
Description
CDC TX
PC2
UART RX
USB CDC TX line
CDC RX
PC1
UART TX
USB CDC RX line
DBG0
PF7
ICSPDAT
Debug data line
DBG1
PF5
ICSPCLK
Debug clock line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com