Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 34 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 34 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 30Page - Microchip Technology AVR16EB32 Datasheet HTML 31Page - Microchip Technology AVR16EB32 Datasheet HTML 32Page - Microchip Technology AVR16EB32 Datasheet HTML 33Page - Microchip Technology AVR16EB32 Datasheet HTML 34Page - Microchip Technology AVR16EB32 Datasheet HTML 35Page - Microchip Technology AVR16EB32 Datasheet HTML 36Page - Microchip Technology AVR16EB32 Datasheet HTML 37Page - Microchip Technology AVR16EB32 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Figure 6-2. AVR16EB32 Curiosity Nano Debugger Schematic
rotatethispage90
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
D
D
C
C
B
B
A
A
AVR16EB32 Curiosity Nano
AVR16EB32_Curiosity_Nano_Debugger.SchDoc
Project Title
File:
Designed with
PCB Layout Contact:
HM
Sheet Title
Debugger
Project Owner:
PDB
Size A3
EV73J36A
PartNumber:
Variant: Default Assembly
3 of 4
2023-10-18
SCH #:
Date:
Sheet
02-00618
2
PCB #: 04-11710
Rev:
Rev: 2
Altium.com
Interface
SWD
ICSP
UPDI
TARGET
TARGET
TARGET ADJUSTABLE REGULATOR
TARGET
Signal
UART RX
UART RX
CDC TX
UART RX
VCC_REGULATOR
VCC_LEVEL
VCC_EDGE
VCC_VBUS
EN
1
VIN
3
VOUT
4
ADJ
5
GND
2
BYP
6
EP
7
MIC5353YMT-TR
U200
VOUT
A1
VIN
A2
VOUT
B1
VIN
B2
GND
C1
EN
C2
MIC94163YCS
U201
UART TX
CDC RX
UART TX
UART TX
J200
47k
R200
REG_ENABLE
DAT
UPDI
SWDAT
DBG0
GND
GPIO
CLK
SWCLK
DBG1
J201
GND
0.1uF
C201
2.2uF
C200
GPIO
VCC_TARGET
SWO/GPIO
GPIO
DBG2
GND
RESET
GND
RESET
MCLR
GND
DBG3
GND
-
VCC
-
-
GND
GND
GND
47k
R205
ID PIN
VTG_ADC
DAC
33k
R208
VTG_EN
1k
R218
VCC_P3V3
REG_ENABLE
ID_SYS
ID_SYS
VBUS_ADC
DEBUGGER POWER/STATUS LED
DEBUGGER
TP200
TP201
STATUS_LED
SML-P12MTT86R
D200
1k
R215
VCC_P3V3
GND
DEBUGGER TESTPOINT
VCC_MCU_CORE
GND
1uF
C209
GND
GND
TCK
1
GND
2
TDO
3
VTref
4
TMS
5
SRST
6
TESTPOINT ARRAY 2x3 JTAG
J202
VCC_P3V3
SWCLK
VCC_P3V3
SWDIO
SRST
0.1uF
C207
SWCLK
GND
SWDIO
PAD
33
PA00
1
PA01
2
PA02
3
PA03
4
PA04
5
PA05
6
PA06
7
PA07
8
PA16
17
PA17
18
PA18
19
PA19
20
PA22
21
USB_SOF/PA23
22
USB_DM/PA24
23
USB_DP/PA25
24
ATSAMD21E18
U206
VCC_LEVEL
DIR
5
A
3
B
4
GND
2
VCCA
1
VCCB
6
74LVC1T45FW4-7
U209
VCC_P3V3
GND
CDC_TX_CTRL
CDC_TX
CDC_TX
USBD_P
S1_0_TX
USBD_N
S1_1_RX
VCC_LEVEL
DIR
5
A
3
B
4
GND
2
VCCA
1
VCCB
6
74LVC1T45FW4-7
U208
VCC_P3V3
ID_SYS
DAC
GND
VTG_ADC
CDC_TX_CTRL
CDC_RX_CTRL
S0_0_RX
VOFF
CDC_RX
CDC_RX
CDC_RX_CTRL
RESERVED
VTG_EN
S0_2_TX
1k
R212
S0_3_CLK
DBG3_CTRL
VCC_LEVEL
DIR
5
A
3
B
4
GND
2
VCCA
1
VCCB
6
74LVC1T45FW4-7
U207
VCC_P3V3
GND
DBG0_CTRL
DBG0
DBG0
GND
VCC_LEVEL
DIR
5
A
3
B
4
GND
2
VCCA
1
VCCB
6
74LVC1T45FW4-7
U205
VCC_P3V3
VCC_P3V3
GND
0.1uF
C202
DBG1_CTRL
GND
DBG1
DBG1
VCC_LEVEL
DIR
5
A
3
B
4
GND
2
VCCA
1
VCCB
6
74LVC1T45FW4-7
U204
VCC_P3V3
GND
DBG2_CTRL
DBG2
DBG2
VOFF
DEBUGGER REGULATOR
DBG3 OPEN DRAIN
DBG3
DBG3
VOUT
1
VOUT
2
EN
4
NC
5
VIN
6
MIC5528-3.3YMT-TR
U203
VCC_P3V3
1k
R209
3
1
2
DMN65D8LFB-7B
Q200
DBG3_CTRL
GND
2.2uF
C203
47k
R210
GND
GND
DEBUGGER USB-C CONNECTOR
USBD_P
USBD_N
VBUS
VOFF
VBUS SLEW RATE- & CURRENT-LIMIT
EN
4
VIN
6
GND
CSLEW
2
VOUT
1
EP
ILIMIT
3
MIC2008
U202
VCC_VBUS
CSD25501F3
Q201
0.1uF
C208
4.7uF
C205
2.2uF
C204
GND
GND
GND
GND
GND
GND
GND
A1/B12
VBUS
A4/B9
CC1
A5
DP1
A6
DN1
A7
SBU1
A8
GND
B1/A12
VBUS
B4/A9
CC2
B5
DP2
B6
DN2
B7
SBU2
B8
SHIELD
1
SHIELD
2
SHIELD
3
SHIELD
4
L-KLS1-5409-R
J203
GND
GND
GND
VBUS_DELAYED
VBUS_DELAYED
GND
VBUS START-UP DELAY
GND
CNANO Template Revision: 2.3
J200:
- Cut-strap used for full separation of target power from the level shifters and on-board
regulators.
- For current measurements using an external power supply, this strap could be cut for more
accurate measurements. Leakage back through the switch is in the micro ampere range.
J201:
- For current measurements using the on-board power supply, this strap must be cut and an
ammeter connected across.
MIC5353:
Vin: 2.6V to 6V
Vout: 1.25V to 5.1V
Imax: 500mA
Dropout (typical): 50mV@150mA, 160mV @ 500mA
Accuracy: 2% initial
Thermal shutdown and current limit
Maximum output voltage is limited by the input voltage and the dropout voltage in
the regulator.
TP200 and TP201 are MTG Holes in
the corners of the PCB in the
DEBUGGER section labelled "GND"
on the silkscreen.
ADJUSTABLE OUTPUT AND LIMITATIONS:
- The DEBUGGER can adjust the output voltage of the regulator between 1.25V and 5.1V to the
target.
- The voltage output is limited by the input (USB), which can vary between 4.40V to 5.25V
- The level shifters have a minimal voltage level of 1.65V and will limit the minimum operating
voltage allowed for the target to still allow communication.
- The MIC94163 has a minimal volatege level of 1.70V and will limit the minimum voltage
delivered to the target.
- Firmware configuration will limit the voltage range to be within the the target specification.
Programming
connector for factory
programming of
Debugger.
SLEW RATE LIMIT:
- With C206 set to 2200pF, the slew rate of VCC_VBUS is limited to 2 V/ms
by the power switch MIC2008.
CURRENT LIMIT:
- With R211 set to 470ohm, the current through the power switch MIC2008 is
limited to 500mA.
MIC5528:
Vin: 2.5V to 5.5V
Vout: Fixed 3.3V
Imax: 500mA
Dropout: 260mV @ 500mA
R210 is required to pull the
Q200 gate to a defined value
when the U206 is not
powered
START-UP DELAY::
- With C208 set to 0.1uF and R214 set to
47kohm, the P-MOS is delaying the turn-on of
VCC_DELAYED by 1ms, compared to VBUS.
"POWER"
"PS"
"GND"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com