Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 19 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 19 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 15Page - Microchip Technology AVR16EB32 Datasheet HTML 16Page - Microchip Technology AVR16EB32 Datasheet HTML 17Page - Microchip Technology AVR16EB32 Datasheet HTML 18Page - Microchip Technology AVR16EB32 Datasheet HTML 19Page - Microchip Technology AVR16EB32 Datasheet HTML 20Page - Microchip Technology AVR16EB32 Datasheet HTML 21Page - Microchip Technology AVR16EB32 Datasheet HTML 22Page - Microchip Technology AVR16EB32 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
AVR16EB32 Curiosity Nano
On-Board Debugger
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 19
The figure below shows the monitoring of the Digital state of a mechanical switch connected to a
debug GPIO in the MPLAB Data Visualizer.
Figure 3-3. Monitoring Debug GPIO with MPLAB Data Visualizer
Debug GPIO channels are timestamped, so the resolution of DGI GPIO events is determined by the
resolution of the DGI Timestamp module.
Important: Although signal bursts of higher frequency can be captured, the
frequency range of signals for which debug GPIO can be used is up to about
2 kHz. Attempting to capture signals above this frequency will result in data
saturation and overflow, which may cause the DGI session to be aborted.
3.6.2
Timestamping
When captured by the debugger, DGI sources are timestamped. The timestamp counter
implemented in the Curiosity Nano debugger increments at a 2 MHz frequency, providing a
timestamp resolution of a half microsecond.
3.7
Device Configuration Protection
The on-board debugger on the AVR16EB32 Curiosity Nano has a protection mechanism intended
to prevent the MCU from being rendered unrecoverable, especially when using drag-and-drop
programming. Disabling the programming and debugging interface, or permanently locking
memories are features of some MCUs that are not conducive to evaluation on a development kit
platform.
The protection mechanism works by intercepting write operations to the relevant fuses and
conditionally masking the addresses and values written.
Info:  The protection mechanism is intended to prevent making
accidental
irreversible changes. Users intentionally making irreversible changes do so at
their own risk.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com