Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 24 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 24 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 20Page - Microchip Technology AVR16EB32 Datasheet HTML 21Page - Microchip Technology AVR16EB32 Datasheet HTML 22Page - Microchip Technology AVR16EB32 Datasheet HTML 23Page - Microchip Technology AVR16EB32 Datasheet HTML 24Page - Microchip Technology AVR16EB32 Datasheet HTML 25Page - Microchip Technology AVR16EB32 Datasheet HTML 26Page - Microchip Technology AVR16EB32 Datasheet HTML 27Page - Microchip Technology AVR16EB32 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
AVR16EB32 Curiosity Nano
Hardware Implementation
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 24
4.4.1
Cut Straps
All power and debugging signals are connected to the target by default. The following cut straps are
available to take measurements or separate the debugger from the target:
• Target Power Strap (J201)
• Power Supply Strap (J200)
• Debugger Pins (J101, J102, J104, J105, J106)
Figure 4-6. Common Curiosity Nano Cut Straps
Target Power
Strap
Power Supply
Strap
GPIO
Straps
4.4.2
Target Regulator
The target voltage regulator is a MIC5353 variable output LDO. The on-board debugger can adjust
the voltage output supplied to the board target section by manipulating the MIC5353’s feedback
voltage. The hardware implementation is limited to an approximate voltage range from 1.7V to 5.1V.
Additional output voltage limits are configured in the debugger firmware to ensure that the output
voltage never exceeds the hardware limits of the AVR16EB32 microcontroller. The voltage limits
configured in the on-board debugger on AVR16EB32 Curiosity Nano are 1.8–5.5V.
Info: The factory default target voltage is 3.3V. The project properties in MPLAB®
X IDE can change it. Any change to the target voltage is persistent, even after a
power toggle. The resolution is less than 5 mV but may be limited to 10 mV by the
adjustment program.
Info: The voltage settings setup in MPLAB® X IDE is not applied immediately
to the board. Like clicking the Refresh Debug Tool Status button in the project
dashboard tab or programming/reading program memory, the new voltage
setting is applied to the board when accessing the debugger.
Info: There is an easy option to adjust the target voltage with a drag-and-drop
command text file to the board, which supports a set of commonly used target
voltages. See section Special Commands for further details.
MIC5353 supports a maximum current load of 500 mA. It is an LDO regulator in a small package
placed on a small printed circuit board (PCB) and can reach the thermal shutdown condition at
lower loads than 500 mA. The maximum current load depends on the input voltage, the selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com