Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 16 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 16 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 12Page - Microchip Technology AVR16EB32 Datasheet HTML 13Page - Microchip Technology AVR16EB32 Datasheet HTML 14Page - Microchip Technology AVR16EB32 Datasheet HTML 15Page - Microchip Technology AVR16EB32 Datasheet HTML 16Page - Microchip Technology AVR16EB32 Datasheet HTML 17Page - Microchip Technology AVR16EB32 Datasheet HTML 18Page - Microchip Technology AVR16EB32 Datasheet HTML 19Page - Microchip Technology AVR16EB32 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
AVR16EB32 Curiosity Nano
On-Board Debugger
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 16
• The default baud rate used in this mode is 9600 bps, but if the CDC is already active or
configured, the previously used baud rate still applies
Debugger firmware version 1.21 and later has the following limitations/features:
• The maximum message length will vary depending on the MSC/SCSI layer timeouts on the host
computer and/or operating system. A single SCSI frame of 512 bytes (498 characters of payload)
is ensured, and files up to 4 KB will work on most systems. The transfer will complete on the first
NULL character encountered in the file.
• The baud rate used is always 9600 bps for the default command:
CMD:SEND_UART=
• Do not use the CDC Override mode simultaneously with data transfer over the CDC/terminal.
If a CDC terminal session is active when receiving a file via the CDC Override mode, it will be
suspended for the duration of the operation and resumed once complete.
• Additional commands are supported with explicit baud rates:
CMD:SEND_9600=
CMD:SEND_115200=
CMD:SEND_460800=
USB-Level Framing Considerations
Sending data from the host to the CDC can be done byte-wise or in blocks, chunked into 64-byte
USB frames. Each frame will be queued for transfer to the debugger’s CDC TX pin. Sending a
small amount of data per frame can be inefficient, particularly at low baud rates, as the on-board
debugger buffers frames but not bytes. A maximum of four 64-byte frames can be active at any
time. The on-board debugger will throttle the incoming frames accordingly. Sending full 64-byte
frames containing data is the most efficient method.
When receiving data on the debugger’s CDC RX pin, the on-board debugger will queue up the
incoming bytes into 64-byte frames, which are sent to the USB queue for transmission to the host
when they are full. Incomplete frames are also pushed to the USB queue at approximately 100 ms
intervals, triggered by USB start-of-frame tokens. Up to eight 64-byte frames can be active at any
time.
An overrun will occur if the host (or the software running on it) fails to receive data fast enough.
When this happens, the last-filled buffer frame recycles instead of being sent to the USB queue, and
a complete data frame will be lost. To prevent this occurrence, the user will ensure that the CDC
data pipe is continuously read, or the incoming data rate will be reduced.
Sending Break Characters
The host can send a UART break character to the device using the CDC, which can be useable
for resetting a receiver state-machine or signaling an exception condition from the host to the
application running on the device.
A break character is defined as a sequence of at least 11 zero bits transmitted from the host to the
device.
Not all UART receivers have support for detecting a break, but a correctly-formed break character
usually triggers a framing error on the receiver.
Sending a break character using the debugger's CDC has the following limitations:
• Sending a break must NOT be done simultaneously, as using the CDC Override mode (drag-and-
drop). Both these functions are temporary states and must be used independently.
• Sending a break will cause the data currently being sent to be lost. Be sure to wait a sufficient
amount of time to allow all characters in the transmission buffer to be sent (see above section)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com