Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 15 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 15 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 11Page - Microchip Technology AVR16EB32 Datasheet HTML 12Page - Microchip Technology AVR16EB32 Datasheet HTML 13Page - Microchip Technology AVR16EB32 Datasheet HTML 14Page - Microchip Technology AVR16EB32 Datasheet HTML 15Page - Microchip Technology AVR16EB32 Datasheet HTML 16Page - Microchip Technology AVR16EB32 Datasheet HTML 17Page - Microchip Technology AVR16EB32 Datasheet HTML 18Page - Microchip Technology AVR16EB32 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 46 page
background image
AVR16EB32 Curiosity Nano
On-Board Debugger
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 15
• Stop bits: One or two bits are supported.
3.4.4
Signaling
During USB enumeration, the host OS will start both the communication and data pipes of the CDC
interface. At this point, it is possible to set and read back the baud rate and other UART parameters
of the CDC, but data sending and receiving will not be enabled.
The terminal must assert the DTR signal when it connects to the host. As this is a virtual control
signal implemented on the USB interface, it is not physically present on the board. Asserting the
DTR signal from the host will indicate to the on-board debugger that a CDC session is active.
The debugger will enable its level shifters (if available) and start the CDC data send and receive
mechanisms.
Deasserting DTR in debugger firmware version 1.20 or earlier has the following behavior:
• Debugger UART receiver is disabled, and no further data will be transferred to the host computer
• Debugger UART transmitter will continue to send queued data ready for transfer, but no new
data is accepted from the host computer
• Level shifters (if available) are not disabled, and the debugger CDC TX line remains driven
Deasserting DTR in debugger firmware version 1.21 or later has the following behavior:
• Debugger UART receiver is disabled, and no further data will be transferred to the host computer
• Debugger UART transmitter will continue to send queued data ready for transfer, but no new
data is accepted from the host computer
• Once the ongoing transmission is complete, level shifters (if available) are disabled, and the
debugger CDC TX line will become high-impedance
Remember: Set up the terminal emulator to assert the DTR signal. Without the
signal, the on-board debugger will not send or receive data through its UART.
Tip: The on-board debugger’s CDC TX pin will not be driven until the CDC
interface is enabled by the host computer. Also, there are no external pull-up
resistors on the CDC lines connecting the debugger and the target, meaning the
lines are floating during power-up. The target device may enable the internal pull-
up resistor on the pin connected to the debugger’s CDC TX pin to avoid glitches
resulting in unpredictable behavior like framing errors.
3.4.5
Advanced Use
CDC Override Mode
In ordinary operation, the on-board debugger is a true UART bridge between the host and the
device. However, in certain use cases, the on-board debugger can override the basic Operating
mode and use the CDC TX and RX pins for other purposes.
Dropping a text file into the on-board debugger’s mass storage drive can be used to send characters
out of the debugger’s CDC TX pin. The filename and extension are trivial, but the text file will start
with the characters:
CMD:SEND_UART=
Debugger firmware version 1.20 or earlier has the following limitations:
• The maximum message length is 50 characters – all remaining data in the frame are ignored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com