Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 36 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 36 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 32Page - Microchip Technology AVR16EB32 Datasheet HTML 33Page - Microchip Technology AVR16EB32 Datasheet HTML 34Page - Microchip Technology AVR16EB32 Datasheet HTML 35Page - Microchip Technology AVR16EB32 Datasheet HTML 36Page - Microchip Technology AVR16EB32 Datasheet HTML 37Page - Microchip Technology AVR16EB32 Datasheet HTML 38Page - Microchip Technology AVR16EB32 Datasheet HTML 39Page - Microchip Technology AVR16EB32 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
6.3
Curiosity Nano Base for Click boards™
rotatethispage90
Figure 6-5. AVR16EB32 Curiosity Nano Pinout Mapping
rotatethispage90
USB
DEBUGGER
SW0
LED0
PS LED
AVR16EB32
NC
ID
CDC RX
USART0 TX
PC1
CDC TX
USART0 RX
PC2
DBG1
PF5
LED0
DBG2
PF6
SW0
PA2
USART0 TX
PA3
USART0 RX
PA0
SDA
(XTAL32K1)
PA1
SCL
(XTAL32K2)
PA4
MOSI
PA5
MISO
PA6
SCK
PA7
SS
GND
PC1
USART0 TX
CDC RX
PC2
USART0 RX
CDC TX
PC3
PC0
PF6
SW0
PF5
LED0
VBUS
VOFF
DBG3
PF6
SW0
DBG0
PF7
UPDI
GND
VTG
PD5
AIN5
PD4
AIN4
PD3
AIN3
TCE0 WO3
PD2
AIN2
TCE0 WO2
PD1
AIN1
TCE0 WO1
PD0
AIN0
TCE0 WO0
PD7
AIN7
PD6
AIN6
GND
PF4
PF3
PF2
PF1
PF0
NC
DEBUGGER
AVR16EB32
Analog
Debug
I2C
SPI
UART
Peripheral
Port
PWM
Power
Ground
Shared pin
AVR16EB32
Curiosity Nano
1
AN
PWM
RST
INT
CS
RX
SCK
TX
MISO
SCL
MOSI
SDA
+3.3V
+5V
GND
GND
2
AN
PWM
RST
INT
CS
RX
SCK
TX
MISO
SCL
MOSI
SDA
+3.3V
+5V
GND
GND
3
AN
PWM
RST
INT
CS
RX
SCK
TX
MISO
SCL
MOSI
SDA
+3.3V
+5V
GND
GND
Xplained Pro Extension
EXT1
1
2
19 20
Curiosity Nano Base
for Click boards TM
PD6
PD1
PD5
PD4
PA7
PA3
PA6
PA2
PA5
PA1
PA4
PA0
+3.3V
+5V
GND
GND
PD7
PD2
PC0
PC3
PF3
PC2
PA6
PC1
PA5
PA1
PA4
PA0
+3.3V
+5V
GND
GND
PD0
PD3
PF2
PF1
PF4
PA3
PA6
PA2
PA5
PA1
PA4
PA0
+3.3V
+5V
GND
GND
ID
GND
PD7
PD0
PC0
PF2
PD2
PD3
PC3
PF4
PA0
PA1
PC2
PC1
PF3
PA4
PA5
PA6
GND
+3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com