| Electronic Components Datasheet Search |
|
AVR16EB32 Datasheet(PDF) 38 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
AVR16EB32 Datasheet(HTML) 38 Page - Microchip Technology |
|
38 / 46 page ![]() AVR16EB32 Curiosity Nano Appendix User Guide © 2024 Microchip Technology Inc. and its subsidiaries DS50003605B - 38 6.4.3 Connecting to External Microcontrollers The figure and table below show where to connect the programming and debugging signals to program and debug external microcontrollers. The on-board debugger can supply power to the external hardware or use an external voltage reference for its level shifters. Read more about the power supply in Power Supply. The on-board debugger and level shifters actively drive data and clock signals used for programming and debugging (DBG0, DBG1, and DBG2). Pull-down resistors are required on the ICSP™ data and clock signals to debug PIC® microcontrollers. All other interfaces are functional with or without pull-up or pull-down resistors. DBG3 is an open-drain connection and requires a pull-up resistor to function. Remember: • Connect GND and VTG to the external microcontroller • Tie the VOFF pin to GND if the external hardware has a power supply • Make sure there are pull-down resistors on the ICSP data and clock signals (DBG0 and DBG1) to support the debugging of PIC microcontrollers Figure 6-7. Curiosity Nano Standard Pinout USB DEBUGGER PS LED NC ID CDC RX CDC TX DBG1 DBG2 VBUS VOFF DBG3 DBG0 GND VTG CURIOSITY NANO Table 6-1. Programming and Debugging Interfaces Curiosity Nano Pin UPDI ICSP™ SWD DBG0 UPDI DATA SWDIO DBG1 — CLK SWCLK DBG2 — — — DBG3 — MCLR RESET 6.5 Connecting External Debuggers Even though there is an on-board debugger, external debuggers can be connected directly to the AVR16EB32 Curiosity Nano to program/debug the AVR16EB32. When not actively used, the on-board debugger keeps all the pins connected to the AVR16EB32 and board edge in tri-state. Therefore, the on-board debugger will not interfere with any external debug tools. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |