Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR16EB32 Datasheet(PDF) 26 Page - Microchip Technology

Part # AVR16EB32
Description  AVR16EB32 Curiosity Nano
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AVR16EB32 Datasheet(HTML) 26 Page - Microchip Technology

Back Button AVR16EB32 Datasheet HTML 22Page - Microchip Technology AVR16EB32 Datasheet HTML 23Page - Microchip Technology AVR16EB32 Datasheet HTML 24Page - Microchip Technology AVR16EB32 Datasheet HTML 25Page - Microchip Technology AVR16EB32 Datasheet HTML 26Page - Microchip Technology AVR16EB32 Datasheet HTML 27Page - Microchip Technology AVR16EB32 Datasheet HTML 28Page - Microchip Technology AVR16EB32 Datasheet HTML 29Page - Microchip Technology AVR16EB32 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
AVR16EB32 Curiosity Nano
Hardware Implementation
 User Guide
© 2024 Microchip Technology Inc. and its subsidiaries
DS50003605B - 26
Do not apply any voltage to the VOFF pin. Let the pin float to enable the power
supply.
The absolute maximum external voltage is 5.5V for the on-board level shifters,
and the standard operating condition of the AVR16EB32 is 1.8–5.5V. Applying a
higher voltage may cause permanent damage to the board.
Info: The on-board debugger monitors the voltage supplied to the board. If
VOFF is not pulled low and external power is supplied that differs by more
than ±100 mV from the target regulator setting, the on-board debugger will shut
off the target regulator and begin blinking the status LED rapidly, indicating an
error condition. Once the input voltage returns to within ±100 mV of the target
regulator setting, the on-board debugger will switch on the target regulator and
stop blinking the status LED.
Programming, debugging, and data streaming are still possible with an external power supply. The
USB cable will power the debugger and signal level shifters. Both regulators, the debugger, and the
level shifters are powered down when the USB cable is removed.
Info: In addition to the power consumed by the AVR16EB32 and its peripherals,
approximately 100 µA will be drawn from any external power source to power
the on-board level shifters and voltage monitor circuitry when plugging a USB
cable into the DEBUG connector on the board. When a USB cable is unplugged,
some current is used to supply the level shifter’s voltage pins, having a worst-case
current consumption of approximately 5 µA. Typical values may be as low as 100
nA.
4.4.4
Power Supply Exceptions
This section sums up most exceptions that can occur with the power supply.
Target Voltage Shuts Down
Not reaching the target voltage setting can happen if the target section draws too much current at
a given voltage and causes the thermal shutdown safety feature of the MIC5353 regulator to kick in.
To avoid this, reduce the current load of the target section.
Target Voltage Setting is Not Reached
The USB input voltage (specified to be 4.4-5.25V) limits the maximum output voltage of the MIC5353
regulator at a given voltage setting and current consumption. If a higher output voltage is needed,
use a USB power source with a higher input voltage or use an external voltage supply on the VTG
pin.
Target Voltage is Different From Setting
An externally applied voltage to the VTG pin without setting the VOFF pin low can cause this. If the
target voltage varies more than 100 mV over/under the voltage setting, the on-board debugger will
detect it, and the internal voltage regulator will shut down. To fix this issue, remove the applied
voltage from the VTG pin, and the on-board debugger will enable the on-board voltage regulator
when the new condition is detected. Note that the PS LED will blink rapidly if the target voltage is
below 100 mV of the setting but will ordinarily turn on when higher than 100 mV above it.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com